Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 14
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
-1000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
Barometric pressure [hPa]
Altitude in standard
atmosphere
3.6 Calculating absolute altitude
With the measured pressure p and the pressure at sea level p0 e.g. 1013.25hPa, the altitude in
meters can be calculated with the international barometric formula:
Thus, a pressure change of ∆p = 1hPa corresponds to 8.43m at sea level
3.7 Calculating pressure at sea level
With the measured pressure p and the absolute altitude the pressure at sea level can be
calculated:
Thus, a difference in altitude of ∆altitude = 10m corresponds to 1.2hPa pressure change at sea
level.
255
.
5
0
44330
altitude
-
1
p
p
=


=
5.255
1
0
p
p
-
1
*
44330
altitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com