Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1002 Datasheet(PDF) 9 Page - Billiton Ltd.

Part # TP1002
Description  PFM 20 W - DC controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1002 Datasheet(HTML) 9 Page - Billiton Ltd.

Back Button TP1002 Datasheet HTML 5Page - Billiton Ltd. TP1002 Datasheet HTML 6Page - Billiton Ltd. TP1002 Datasheet HTML 7Page - Billiton Ltd. TP1002 Datasheet HTML 8Page - Billiton Ltd. TP1002 Datasheet HTML 9Page - Billiton Ltd. TP1002 Datasheet HTML 10Page - Billiton Ltd. TP1002 Datasheet HTML 11Page - Billiton Ltd. TP1002 Datasheet HTML 12Page - Billiton Ltd. TP1002 Datasheet HTML 13Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.0
Q1
Np
Ns
Vs
Ip
VAUX
NAUX
LM
TP1002
R1
R2
C4
C3
+
+
R3
C6
D6
D5
D7
D1
D3
D2
D4
Vcc
OB
FB
CS
GND
C7
C5
817
R4
+
+
TP1550
LED
RS
GND
VO
Ro
+
C8
CX1
LF
C2
+
CY
图 7 5V/2.5A 电源适配器原理图
元器件清单:
器件名称
规格
器件名称
规格
D1-D4
Diode, Rectifier,1N4007
C2
E-Cap,22μF/400V
D5
Diode,Fast,FR107,1A/1000V
C3
E-Cap,22μF/50V
D6
Diode,Fast,FR107,1A/1000V
C4
Capacitor,Ceramic,1nF/1KV
D7
Diode,Schottky,SR1045,10A/45V
C5
Capacitor,Ceramic,1~2uF/25V
R1
Resistor,10M,1/4W,
5%
C6
Capacitor,Ceramic,222pF/100V
R2
Resistor,270K,1/2W,
5%
C7
E-Cap,1000μF/10V*2,Low ESR
R3
Resistor,47R,1/8W,
5%
C8
E-Cap,680μF/10V,Low ESR
R4
Resistor,470R,1/8W,
5%
LF
Inductor,20mH
RoA
Resistor,0.05R,1/2W,
1%
IC
TP1002,TP1550,光耦 817
RoB
Resistor,0.2R,1/2W,
1%
Q1
NPN,13003,TO-220 HFE>20
CY
102/400V
T
Transformer
EF20, LM=1.6mH
Np:Ns:NAUX=120T:10T:11T
CX1
104/275V
测试总结:
项目
最小
典型
最大
单位
输入电压
85
265
Vac
空载功耗
28
50
mW
输出电压
5.00
V
输出纹波
0.1
V
平均效率
25%,50%,75%和满载
76
%
上电启动时间
180
(Vin=220V)
350
(Vin=75V)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com