Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1002 Datasheet(PDF) 10 Page - Billiton Ltd.

Part # TP1002
Description  PFM 20 W - DC controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1002 Datasheet(HTML) 10 Page - Billiton Ltd.

Back Button TP1002 Datasheet HTML 6Page - Billiton Ltd. TP1002 Datasheet HTML 7Page - Billiton Ltd. TP1002 Datasheet HTML 8Page - Billiton Ltd. TP1002 Datasheet HTML 9Page - Billiton Ltd. TP1002 Datasheet HTML 10Page - Billiton Ltd. TP1002 Datasheet HTML 11Page - Billiton Ltd. TP1002 Datasheet HTML 12Page - Billiton Ltd. TP1002 Datasheet HTML 13Page - Billiton Ltd. TP1002 Datasheet HTML 14Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.0
负载特性曲线
5V/4A 电源适配器方案:TP1002-SOP8 封装、TP1550 与光耦
系统特性:
5V4A 方案搭配 TP1550 恒压恒流控制芯片,其外围电路简单,如图 8 所示,系统
成本较低,且恒压恒流控制精度高(恒压精度:±2%,恒流精度:±5%。采用 431 时
恒压精度为±3%,且在分压电阻以及 431 均为±1%的精度时),大负载时,瞬态响应
快,跌落<270mV(TP1550 结成恒压状态下)。
此方案 C7 采用 1000μF*2 电容,输出 5V4A 时,输出纹波 100mV。
Q1
Np
Ns
Vs
Ip
VAUX
NAUX
LM
TP1002
R1
R2
C4
C3
+
+
R3
C6
D6
D5
D7
D1
D3
D2
D4
Vcc
OB
FB
CS
GND
C7
C5
817
R4
+
+
TP1550
LED
RS
GND
VO
Ro
+
C8
CX1
LF
C2
+
CY
图 8 5V/4A 电源适配器原理图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com