Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM82C53-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
PIN CONFIGURATION (TOP VIEW)
24 pin Plastic DIP
32 pin Plastic SSOP
16
15
14
13
NC
D7
D6
D5
NC
D4
D3
D2
D1
D0
CLK0
NC
OUT0
GATE0
GND
NC
NC
Vcc
WR
RD
NC
CS
A1
A0
CLK2
OUT2
GATE2
NC
CLK1
GATE1
OUT1
NC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
29
30
31
32
28
27
26
25
17
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Vcc
WR
RD
CS
A1
A0
CLK2
OUT2
GATE2
CLK1
GATE1
OUT1
D7
D6
D5
D4
D3
D2
D1
D0
CLK0
OUT0
GATE0
GND
25
24
23
22
21
20
19
NC
CS
A1
A0
CLK2
OUT2
GATE2
D4
D3
D2
D1
D0
CLK0
NC
5
6
7
8
9
10
11
28 pin Plastic QFJ
(NC denotes "not connected")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com