Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM82C53-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
• Mode 4 (software trigger strobe)
The counter output is switched to “H” level by the mode setting. Counting is started in the
same way as described for mode 0. A single “L” pulse equivalent to one clock width is
generated at the counter output when the terminal count is reached.
This mode differs from 2 in that the “L” level output appears one clock earlier in mode 2, and
that pulses are not repeated in mode 4. Counting is stopped when the gate input is switched
to “L” level, and restarted from the set count value when switched back to “H” level.
• Mode 5 (hardware trigger strobe)
The counter output is switched to “H” level by the mode setting. Counting is started, and the
gate input used, in the same way as in mode 1.
The counter output is identical to the mode 4 output.
The various roles of the gate input signals in the above modes are summarized in the following
table.
0
1
"H" Level
"L" Level Falling Edge
Rising Edge
Mode
Gate
Counting not possible
Counting possible
(1)
(2)
Start of counting
Retriggering
2
(1)
(2)
Counting not possible
Counter output forced to "H" level
Start of counting
Counting possible
3
(1)
(2)
Counting not possible
Counter output forced to "H" level
Start of counting
Counting possible
4
Counting not possible
Counting possible
5
(1)
(2)
Start of counting
Retriggering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com