Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM82C53-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 19Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
Differences between MSM82C53-5 and MSM82C53-2
1) Manufacturing Process
These devices use a 3 m Si-Gate CMOS process technology and have the same chip size.
2) Function
These devices have the same logics except for changes in AC characteristics listed in (3-2).
3) Electrical Characteristics
3-1) DC Characteristics
As shown above, the characteristics of these devices are identical under the same test condition. The
MSM82C53-2 satisfies the characteristics of the MSM82C53-5.
3-2) AC Characteristics
As shown above, the MSM82C53-2 satisfies the characteristics of the MSM82C53-5.
Parameter
Symbol
MSM82C53-5
MSM82C53-2
Address Hold Time After Write
30 ns minimum
20 ns minimum
tWA
Data Input Hold Time After Write
30 ns minimum
20 ns minimum
tWD
Clock Cycle Time
200 ns minimum
125 ns minimum
tCLK
Parameter
Symbol
MSM82C53-5
MSM82C53-2
Average Operating Current
5 mA maximum
(tCLK=200 ns)
8 mA maximum
(tCLK=125 ns)
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com