Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM82C53-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
¡ Semiconductor
MSM82C53-2RS/GS/JS
CMOS PROGRAMMABLE INTERVAL TIMER
E2O0018-27-X2
GENERAL DESCRIPTION
The MSM82C53-2RS/GS/JS is programmable universal timers designed for use in
microcomputer systems. Based on silicon gate CMOS technology, it requires a standby current
of only 100 mA (max.) when the chip is in the nonselected state. During timer operation, power
consumption is still very low only 8 mA (max.) at 8 MHz of current required.
The device consists of three independent counters, and can count up to a maximum of 8 MHz
(MSM82C53-2). The timer features six different counter modes, and binary count/BCD count
functions. Count values can be set in byte or word units, and all functions are freely
programmable.
FEATURES
• Maximum operating frequency of 8 MHz (MSM82C53-2)
• High speed and low power consumption achieved through silicon gate CMOS technology
• Completely static operation
• Three independent 16-bit down-counters
• 3 V to 6 V single power supply
• Six counter modes available for each counter
• Binary and decimal counting possible
• 24-pin Plastic DIP (DIP24-P-600-2.54): (Product name: MSM82C53-2RS)
• 28-pin Plastic QFJ (QFJ28-P-S450-1.27): (Product name: MSM82C53-2JS)
• 32-pin Plastic SSOP(SSOP32-P-430-1.00-K): (Product name: MSM82C53-2GS-K)
This version: Jan. 1998
Previous version: Aug. 1996


Similar Part No. - MSM82C53-2JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C51A-2GS OKI-MSM82C51A-2GS Datasheet
203Kb / 26P
UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2JS OKI-MSM82C51A-2JS Datasheet
203Kb / 26P
UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C54-2GS OKI-MSM82C54-2GS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2JS OKI-MSM82C54-2JS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
More results

Similar Description - MSM82C53-2JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com