Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM82C53-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
DESCRIPTION OF PIN FUNCTIONS
SYSTEM INTERFACING
16 bits
Address Bus
Control Bus
D7 - 0
A1 A0
A1 A0
CS
8 bits
RD
WR
8 bits
Data Bus
MSM82C53-2
OUT GATE CLK
Counter #0
OUT GATE CLK
Counter #1
OUT GATE CLK
Counter #2
Pin Symbol
Function
Name
D7 - D0
Three-state 8-bit bidirectional data bus used when writing control words
and count values, and reading count values upon reception of WR and
RD signals from CPU.
Bidirectional
Data Bus
Input/Output
A0 - A1
One of the three internal counters or the control word register is selected
by A0/A1 combination. These two pins are normally connected to the two
lower order bits of the address bus.
Address Input
Input
RD
Data can be transferred from MSM82C53-2 to CPU when this pin is at low
level.
Read Input
Input
WR
Data can be transferred from CPU to MSM82C53-2 when this pin is at low
level.
Write Input
Input
CLK0 - 2
Supply of three clock signals to the three counters incorporated in
MSM82C53-2.
Clock Input
Input
GATE0 - 2
Control of starting, interruption, and restarting of counting in the three
respective counters in accordance with the set control word contents.
Gate Input
Input
OUT0 - 2
Output of counter output waveform in accordance with the set mode and
count value.
Counter Output
Output
CS
Data transfer with the CPU is enabled when this pin is at low level. When
at high level, the data bus (D0 thru D7) is switched to high impedance
state where neither writing nor reading can be executed. Internal registers,
however, remain unchanged.
Chip Select
Input
Input
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com