Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM82C53-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
Reading of Counter Values
All MSM82C53-2 counting is down-counting, the counting being in steps of 2 in mode 3.
Counter values can be read during counting by (1) direct reading, and (2) counter latching
(“read on the fly”).
• Direct reading
Counter values can be read by direct reading operations.
Since the counter value read according to the timing of the RD and CLK signals is not
guaranteed, it is necessary to stop the counting by a gate input signal, or to interrupt the clock
input temporarily by an external circuit to ensure that the counter value is correctly read.
• Counter latching
In this method, the counter value is latched by writing counter latch command, thereby
enabling a stable value to be read without effecting the counting in any way at all. An example
of a counter latching program is given below.
Counter latching executed for counter #1 (Read/Load 2-byte setting)
0 1 0 0 ¥ ¥ ¥ ¥
MVI A
Dentotes counter latching
OUT n3
Write in control word address (n3)
IN n1
Reading of the LSB of the counter
value latched from counter #1
n1: Counter #1 address
MOV B, A
IN n1
MOV C, A
Reading of MSB from counter #1
The counter value at this point is latched.
MSM82C53-2
CLK0 OUT0
CLK1 OUT1
CLK2 OUT2
Use counter #1 and counter #2
Counter #1: mode 0, upper order 16-bit counter
value
Counter #2: mode 2, lower order 16-bit counter
value
This setting enables counting up to a maximum of 232.
Example of Practical Application
• MSM82C53-2 used as a 32-bit counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com