Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C53-2JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM82C53-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM82C53-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
AC CHARACTERISTICS
Note: Timing measured at VL = 0.8 V and VH = 2.2 V for both inputs and outputs.
Parameter
Symbol
Unit
Condition
Max.
Min.
MSM82C53-2
Address Set-up Time before Reading
(VCC = 4.5 V to 5.5 V, Ta = –40 to +85°C)
tAR
ns
Address Hold Time after Reading
tRA
ns
Read
Cycle
30
—
0
—
Read Recovery Time
Read Pulse Width
tRR
ns
150
—
Address Set-up Time before Writing
tRVR
ns
200
—
Address Hold Time after Writing
tAW
ns
0
—
Write Pulse Width
tWA
tWW
ns
20
—
Data Input Set-up Time before Writing
tDW
ns
Write
Cycle
150
—
Data Input Hold Time after Writing
tWD
ns
100
—
Write Recovery Time
tRVW
ns
20
—
Clock Cycle Time
tCLK
ns
200
—
Clock "H" Pulse Width
tPWH
ns
125
D.C.
Clock "L" Pusle Width
tPWL
ns
60
—
tGW
ns
Clock
and
Gate
Timing
60
—
"H" Gate Pulse Width
CL = 150 pF
tGL
ns
"L" Gate PUlse Width
tGS
ns
50
—
50
—
Gate Input Hold Time after Clock
Gate Input Set-up Time before Clock
tGH
ns
50
—
Output Delay Time after Reading
tRD
ns
50
—
ns
—
120
Output Delay Time after Gate
tODG
Output Delay Time after Clock
tOD
ns
—
120
Output Delay Time after Address
tAD
ns
—
150
ns
—
180
Output Floating Delay Time after
Reading
tDF
ns
Delay
Time
5
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com