Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 18 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 18 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics INMP621 Datasheet HTML 14Page - TDK Electronics INMP621 Datasheet HTML 15Page - TDK Electronics INMP621 Datasheet HTML 16Page - TDK Electronics INMP621 Datasheet HTML 17Page - TDK Electronics INMP621 Datasheet HTML 18Page - TDK Electronics INMP621 Datasheet HTML 19Page - TDK Electronics INMP621 Datasheet HTML 20Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
INMP621
HANDLING INSTRUCTIONS
PICK AND PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-and-place and chip shooting equipment. Take care to avoid damage to the
MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the
pickup tool can make contact with any part of the lid surface.
•
Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on the PCB.
REFLOW SOLDER
For best results, the soldering profile must be in accordance with the recommendations of the manufacturer of the solder paste used to
attach the MEMS microphone to the PCB. It is recommended that the solder reflow profile not exceed the limit conditions specified in
Figure 2 and Table 4.
BOARD WASH
When washing the PCB, ensure that water does not make contact with the microphone port. Do not use blow-off procedures or
ultrasonic cleaning.
OUTLINE DIMENSIONS
Figure 20. 5-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4 mm × 3 mm Body
Dimensions shown in millimeters
1.50
2.80
BOTTOM VIEW
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
4.10
4.00
3.90
3.10
3.00
2.90
1
2
3
4
5
0.90
2.48
REF
0.72 REF
3.54 REF
1.05 REF
2.05
3.80
0.70
0.30 REF
0.25 DIA.
(THRU HOLE)
1.10 DIA.
R 0.10 (2 ×)
1.70 DIA.
0.95 REF
0.35
0.35
0.30 REF
0.30 REF
1.10
1.00
0.90
0.24 REF
0.40 × 0.60
(Pins 1, 2, 4, 5)
0.30 REF
PIN 1
Page 18 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com