Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 14 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 14 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 10Page - TDK Electronics INMP621 Datasheet HTML 11Page - TDK Electronics INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics INMP621 Datasheet HTML 14Page - TDK Electronics INMP621 Datasheet HTML 15Page - TDK Electronics INMP621 Datasheet HTML 16Page - TDK Electronics INMP621 Datasheet HTML 17Page - TDK Electronics INMP621 Datasheet HTML 18Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
INMP621
Figure 15. Buffered Connections Between Stereo INMP621s and a Codec
When long wires are used to connect the codec to the INMP621, a source termination resistor can be used on the clock output of the
codec instead of a buffer to minimize signal overshoot or ringing. Match the value of this resistor to the characteristic impedance of
the CLK trace on the PCB. Depending on the drive capability of the codec clock output, a buffer may still be needed, as shown in Figure
15.
SLEEP MODE
The microphone enters sleep mode when the clock frequency falls below 1 kHz. In this mode, the microphone data output is in a high
impedance state. The current consumption in sleep mode is less than 5.5 µA.
The INMP621 enters sleep mode within 1ms of the clock frequency falling below 1 kHz. The microphone wakes up from sleep mode
and begins to output data 32,768 cycles after the clock becomes active. For a 3.072 MHz clock, the microphone starts to output data in
10.7 ms. For a 2.4 MHz clock, the microphone starts to output data in 13.7 ms. The wake-up time, as specified in Table 2, indicates the
time from when the clock is enabled to when the INMP621 outputs data within 3 dB of its settled sensitivity.
START-UP TIME
The start-up time of the INMP621 from when the clock is active is the same as the wake-up time. The microphone starts up 32,768
cycles after the clock is active.
CLOCK OUTPUT
CODEC
DATA
INMP621
INMP621
CLK
DATA INPUT
DATA
CLK
Page 14 of 20
Document Number: DS-INMP621-00
Revision: 1.0.
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com