Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 9 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 9 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 5Page - TDK Electronics INMP621 Datasheet HTML 6Page - TDK Electronics INMP621 Datasheet HTML 7Page - TDK Electronics INMP621 Datasheet HTML 8Page - TDK Electronics INMP621 Datasheet HTML 9Page - TDK Electronics INMP621 Datasheet HTML 10Page - TDK Electronics INMP621 Datasheet HTML 11Page - TDK Electronics INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INMP621
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Frequency Response Mask
Figure 5. Typical Frequency Response (Measured)
Figure 6. PSR vs. Frequency, 100 mV p-p Swept Sine Wave
Figure 7. Total Harmonic Distortion + Noise (THD+N) vs. Input SPL
Figure 8. Linearity
Figure 9. Clipping Characteristics
20
–20
–15
–10
–5
0
5
10
15
10
100
1k
10k
FREQUENCY (Hz)
20
–20
–15
–10
–5
0
5
10
15
10
100
1k
10k
FREQUENCY (Hz)
0
–140
–120
–100
–80
–60
–40
–20
100
1k
10k
FREQUENCY (Hz)
0.1
1
10
90
95
100
105
110
115
120
125
130
135
140
INPUT LEVEL (dB SPL)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
90
100
110
130
120
140
INPUT LEVEL (dB SPL)
–0.8
–0.6
–0.4
–0.2
0
0.2
0.6
0.8
0.4
1.0
0
0.0002
0.0004
0.0008
0.0006
0.0010
TIME (Seconds)
130dB SPL
132dB SPL
134dB SPL
136dB SPL
138dB SPL
Page 9 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com