Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 13 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 13 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 9Page - TDK Electronics INMP621 Datasheet HTML 10Page - TDK Electronics INMP621 Datasheet HTML 11Page - TDK Electronics INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics INMP621 Datasheet HTML 14Page - TDK Electronics INMP621 Datasheet HTML 15Page - TDK Electronics INMP621 Datasheet HTML 16Page - TDK Electronics INMP621 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
INMP621
Figure 14. Stereo PDM Microphone Connection to Codec
Decouple the VDD pin of the INMP621 to GND with a 0.1 µF capacitor. Place this capacitor as close to VDD as the printed circuit board
(PCB) layout allows.
Do not use a pull-up or pull-down resistor on the PDM data signal line because it can pull the signal to an incorrect state during the period
that the signal line is tristated.
The DATA signal does not need to be buffered in normal use when the INMP621 microphone(s) is placed close to the codec on the PCB. If the DATA
signal
must be driven over a long cable (>15 cm) or other large capacitive load, a digital buffer may be required. Only use a signal buffer on the
DATA line when one microphone is in use or after the point where two microphones are connected (see Figure 15). The DATA output of
each microphone in a stereo configuration cannot be individually buffered because the two buffer outputs cannot drive a single signal line. If a
buffer is used, take care to select one with low propagation delay so that the timing of the data connected to the codec is not corrupted.
CLOCK OUTPUT
CODEC
0.1µF
1.8 V TO 3.3 V
GND
L/R SELECT
DATA
INMP621
CLK
VDD
DATA INPUT
0.1µF
1.8 V TO 3.3 V
GND
L/R SELECT
DATA
INMP621
CLK
VDD
Page 13 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com