Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 1 Page - TDK Electronics

  INMP621 Datasheet HTML 1Page - TDK Electronics INMP621 Datasheet HTML 2Page - TDK Electronics INMP621 Datasheet HTML 3Page - TDK Electronics INMP621 Datasheet HTML 4Page - TDK Electronics INMP621 Datasheet HTML 5Page - TDK Electronics INMP621 Datasheet HTML 6Page - TDK Electronics INMP621 Datasheet HTML 7Page - TDK Electronics INMP621 Datasheet HTML 8Page - TDK Electronics INMP621 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
INMP621
Wide Dynamic Range Microphone with PDM Digital Output
GENERAL DESCRIPTION
The INMP621*is a high sound pressure level (SPL), ultra-low
noise, low power, digital output, bottom ported
omnidirectional MEMS microphone. This microphone clips at
133 dB SPL, which is useful for clearly capturing audio in loud
environments. The INMP621 consists of a MEMS microphone
element and an impedance converter amplifier followed by a
fourth-order Σ-Δ modulator. The digital interface allows the
pulse density modulated (PDM) output of two microphones
to be time multiplexed on a single data line using a single
clock. The INMP621 is pin compatible with the INMP421 and
INMP521 microphones, providing an easy upgrade path.
The INMP621 has a high SNR of 65 dBA and sensitivity of
−46 dBFS. The INMP621 has an extended wideband frequency
response, resulting in natural sound with high intelligibility.
Low current consumption and a sleep mode at less than
5.5 µA enables long battery life for portable applications.
The INMP621 is available in a thin 4 × 3 × 1 mm surface-
mount package. It is reflow solder compatible with
no sensitivity degradation.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Tablet Computers
•
Notebook PCs
•
Smartphones
•
Microphone Arrays
•
Teleconferencing Systems
•
Digital Still and Video Cameras
•
Bluetooth Headsets
•
Security and Surveillance
FEATURES
•
High Acoustic Overload Point of 133 dB SPL
•
Small, Thin 4 × 3 × 1 mm Surface-Mount Package
•
Omnidirectional Response
•
Very High Signal-to-Noise Ratio (SNR): 65 dBA
•
Sensitivity of −46 dBFS
•
Extended Frequency Response from 45 Hz to >20 kHz
•
Low Current Consumption: 1.2 mA
•
Sleep Mode for Extended Battery Life: 5.5 µA
•
High Power Supply Rejection (PSR): −100 dBFS
•
Fourth-Order Σ-Δ Modulator
•
Digital Pulse Density Modulation (PDM) Output
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
ORDERING INFORMATION
PART
TEMP RANGE
INMP621ACEZ-R0*
−40°C to +85°C
INMP621ACEZ-R7†
−40°C to +85°C
EV_INMP621-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Check
with sales@invensense.com for availability.
INMP621
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
BOTTOM
TOP
FUNCTIONAL BLOCK DIAGRAM
InvenSense reserves the right to change the detail
specifications as may be required to permit
improvements in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP621-00
Revision: 1.0.
Rev Date: 02/06/2014


Similar Part No. - INMP621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INMP 441 ETC1-INMP 441 Datasheet
472Kb / 21P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
INMP401ACEZ-R0 TDK-INMP401ACEZ-R0 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401ACEZ-R7 TDK-INMP401ACEZ-R7 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
More results

Similar Description - INMP621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP621 AD-ADMP621 Datasheet
327Kb / 16P
Wide Dynamic Range Microphone with PDM Digital Output
REV. 0
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
TDK Electronics
AN-000048 TDK-AN-000048 Datasheet
145Kb / 3P
PDM Digital Output MEMS Microphone Flex Evaluation Board
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-41351 TDK-ICS-41351 Datasheet
499Kb / 23P
Top Port PDM Digital Output Multi-Mode Microphone
ICS-41352 TDK-ICS-41352 Datasheet
531Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
ICS-51360 TDK-ICS-51360 Datasheet
484Kb / 22P
Bottom Port PDM Digital Output Multi-Mode Microphone
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com