Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 4 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 4 Page - TDK Electronics

  INMP621 Datasheet HTML 1Page - TDK Electronics INMP621 Datasheet HTML 2Page - TDK Electronics INMP621 Datasheet HTML 3Page - TDK Electronics INMP621 Datasheet HTML 4Page - TDK Electronics INMP621 Datasheet HTML 5Page - TDK Electronics INMP621 Datasheet HTML 6Page - TDK Electronics INMP621 Datasheet HTML 7Page - TDK Electronics INMP621 Datasheet HTML 8Page - TDK Electronics INMP621 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
INMP621
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA = −40 to 85°C, VDD = 1.8 to 3.3 V, CLK = 3.072 MHz, CLOAD = 30 pF, unless otherwise noted. All minimum and maximum
specifications are guaranteed across temperature, voltage, and clock frequency specified in Table 1 and Table 2, unless otherwise
noted. Typical specifications are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Output Polarity
Input acoustic pressure vs.
output data
Inverted
Sensitivity
1kHz, 94 dB SPL
−48
−46
−44
dBFS
1, 2
Signal-to-Noise Ratio (SNR)
20 Hz to 20 kHz, A-
weighted
65
dBA
Equivalent Input Noise (EIN)
20 Hz to 20 kHz, A-
weighted
29
dBA SPL
Acoustic Dynamic Range
Digital Dynamic Range
Derived from EIN and
acoustic overload point
104
dB
2
Derived from EIN and full-
scale acoustic level
111
dB
Frequency Response
Low frequency −3 dB point
45
Hz
3
High frequency −3 dB
point
>20
kHz
Total Harmonic Distortion (THD)
105 dB SPL
0.35
1
%
Power Supply Rejection (PSR)
217 Hz, 100 mV p-p square
wave superimposed on
VDD = 1.8 V, A-weighted
−100
dBFS
Power Supply Rejection—Swept Sine
1 kHz sine wave
−113
dBFS
Acoustic Overload Point
10% THD
133
dB SPL
Full-Scale Acoustic Level
0 dBFS output
140
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
1.62
3.63
V
Supply Current (IS)
VDD = 1.8 V
Normal Mode
1.2
1.5
mA
Sleep Mode
5.5
µA
4
VDD = 3.3 V
Normal Mode
1.3
1.6
mA
Sleep Mode
8
µA
4
DIGITAL INPUT/OUTPUT CHARACTERISTICS
Input Voltage High (VIH)
0.65 x VDD
V
Input Voltage Low (VIL)
0.35 x VDD
V
Output Voltage High (VOH)
ILOAD = 0.5 mA
0.7 x VDD
VDD
V
Output Voltage Low (VOL)
ILOAD = 0.5 mA
0
0.3 x VDD
V
Output DC Offset
Percent of full scale
3
%
Latency
<30
µs
Noise Floor
20 Hz to 20 kHz, A-
weighted
−111
dBFS
Note 1: Sensitivity is relative to the RMS level of a sine wave with positive amplitude equal to 100% logical 1s density and negative amplitude equal to 0% logical 1s
density.
Page 4 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com