Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP621 Datasheet(PDF) 12 Page - TDK Electronics

Part # INMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP621 Datasheet(HTML) 12 Page - TDK Electronics

Back Button INMP621 Datasheet HTML 8Page - TDK Electronics INMP621 Datasheet HTML 9Page - TDK Electronics INMP621 Datasheet HTML 10Page - TDK Electronics INMP621 Datasheet HTML 11Page - TDK Electronics INMP621 Datasheet HTML 12Page - TDK Electronics INMP621 Datasheet HTML 13Page - TDK Electronics INMP621 Datasheet HTML 14Page - TDK Electronics INMP621 Datasheet HTML 15Page - TDK Electronics INMP621 Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
INMP621
DYNAMIC RANGE CONSIDERATIONS
The full-scale digital output (0 dBFS) of the INMP621 is mapped to an acoustic input of 140 dB SPL. The microphone clips (THD =
10%) at 133 dB SPL (see Figure 7); however, it continues to output an increasingly distorted signal above that point. The peak output
level, which is controlled by the modulator, limits at about −3 dBFS (see Figure 8).
To fully use the 111 dB digital dynamic range of the output data of the INMP621 in a design, the digital signal processor (DSP), analog-
to-digital converter (ADC), or codec circuit following it must be chosen carefully. The decimation filter that inputs the PDM signal from
the INMP621 must have a dynamic range sufficiently better than the dynamic range of the microphone so that the overall noise
performance of the system is not degraded. If the decimation filter has a dynamic range of 10 dB better than the microphone (121
dB), the overall system noise only degrades by 0.4 dB.
CONNECTING PDM MICROPHONES
A PDM output microphone is typically connected to a codec with a dedicated PDM input. This codec separately decodes the left and right
channels and filters the high sample rate modulated data back to the audio frequency band. This codec also generates the clock for the
PDM microphones or is synchronous with the source that is generating the clock. Figure 13 and Figure 14 show mono and stereo
connections of the INMP621 to a codec. The mono connection shows an INMP621 set to output data on the right channel. To output on
the left channel, tie the L/R SELECT pin to VDD instead of tying it to GND.
Figure 13. Mono PDM Microphone (Right Channel) Connection to Codec
CLOCK OUTPUT
CODEC
0.1µF
1.8V TO 3.3V
GND
L/R SELECT
DATA
INMP621
CLK
VDD
DATA INPUT
Page 12 of 20
Document Number: DS-INMP621-00
Revision: 1.0
Rev Date: 02/06/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com