Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5334 Datasheet HTML 3Page - Cirrus Logic CS5334 Datasheet HTML 4Page - Cirrus Logic CS5334 Datasheet HTML 5Page - Cirrus Logic CS5334 Datasheet HTML 6Page - Cirrus Logic CS5334 Datasheet HTML 7Page - Cirrus Logic CS5334 Datasheet HTML 8Page - Cirrus Logic CS5334 Datasheet HTML 9Page - Cirrus Logic CS5334 Datasheet HTML 10Page - Cirrus Logic CS5334 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SYSTEM DESIGN
The CS5334 and CS5335 are 20-bit, 2-channel
Analog-to-Digital Converters designed for digital
audio applications. These devices use two one-
bit delta-sigma modulators which simultaneously
sample the analog input signals at 128 times the
output sample rate (Fs). The resulting serial bit
streams are digitally filtered, yielding a pair of
20-bit values. This technique yields nearly ideal
conversion performance independent of input
frequency and amplitude. The converter does not
require difficult-to-design or expensive anti-alias
filters and does not require external sample-and-
hold amplifiers or a voltage reference. Very few
external components are required to support
these ADCs. Normal power supply decoupling
components and a resistor and capacitor on each
input for anti-aliasing are all that’s required, as
shown in Figure 1.
An on-chip voltage reference provides for a dif-
ferential input signal range of 2.0 Vrms. Output
data is available in serial form, coded as
2’s complement, 20-bit numbers. Typical power
consumption is 325 mW which can be reduced
to 1.0 mW using the power-down feature.
Master Clock
The master clock (MCLK) is the clock source
for the delta-sigma modulator sampling and digi-
tal filters. In Master Mode, the frequency of this
clock must be 256
× Fs. In Slave Mode, the mas-
ter clock must be either 256
×, 384× or 512× Fs.
Table 1 shows some common master clock fre-
quencies.
SERIAL DATA INTERFACE
The CS5334 and CS5335 support three serial
data formats, including I
2S, which are selected
via the digital input format pins DIF0 and DIF1.
The digital input format determines the relation-
ship between the serial data, left/right clock and
serial clock. Table 2 lists the three formats, along
with the associated figure number.
The serial
data interface is accomplished via the serial data
output, SDATA, serial data clock, SCLK, and the
left/right clock, LRCK.
Serial Data
The serial data block consists of 20 bits of audio
data presented in 2’s-complement format with
the MSB-first, followed by 4 bits of zero and 8
Peak Signal Level, PSL, bits as shown in Fig-
ure 2. The data is clocked from SDATA by the
serial clock and the channel is determined by the
Left/Right clock.
LRCK
(kHz)
MCLK (MHz)
256 X
384 X
512 X
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
Table 1. Common Clock Frequencies
SDATA
FRAME
P7
19 18
1
0
P6
P1 P0
20 Audio
Data Bits
4 Zeros
8 PSL Bits
Figure 2. Data Block and Frame
DIF1
DIF0
FORMAT
FIGURE
00
03
01
14
10
25
1
1
power-down
-
Table 2. Digital Input Formats
CS5334 CS5335
DS237PP2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com