Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5334 Datasheet HTML 1Page - Cirrus Logic CS5334 Datasheet HTML 2Page - Cirrus Logic CS5334 Datasheet HTML 3Page - Cirrus Logic CS5334 Datasheet HTML 4Page - Cirrus Logic CS5334 Datasheet HTML 5Page - Cirrus Logic CS5334 Datasheet HTML 6Page - Cirrus Logic CS5334 Datasheet HTML 7Page - Cirrus Logic CS5334 Datasheet HTML 8Page - Cirrus Logic CS5334 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• CS5334
Dynamic Range: 100 dB
THD+N: -90 dB
• CS5335
Dynamic Range: 105 dB
THD+N:
-95 dB
• 128X Oversampling
• Fully Differential Inputs
• Linear Phase Digital Anti-Alias Filtering
21.7 kHz passband (fs = 48kHz)
85 dB stop band attenuation
0.0025 dB pass band ripple
• High Pass Filter - DC offset removal
• Peak Signal Level Detector
High Resolution and Bar Graph Modes
General Description
The CS5334 and CS5335 are 2-channel, single +5V
supply, pin compatable analog-to-digital converters for
digital audio systems. The CS5334 and CS5335 perform
sampling, analog-to-digital conversion and anti-alias fil-
tering, generating 20-bit values for both left and right
inputs in serial form. The output word rate can be up to
50 kHz per channel.
The CS5334 and CS5335 use 4th-order, delta-sigma
modulation with 128X oversampling followed by digital
filtering and decimation, which removes the need for an
external anti-alias filter. These ADCs use a differential
architecture which provides excellent noise rejection.
The CS5334 and CS5335 have a filter passband to
21.7kHz. The filter has linear phase, 0.0025 dB pass-
band ripple, and >85 dB stopband rejection. An on-chip
high pass filter is also included to remove DC offsets.
ORDERING INFORMATION:
Model
Temp. Range
Package Type
CS5334-KS
-10° to 70°C 20-pin Plastic SSOP
CS5335-KS
-10° to 70°C 20-pin Plastic SSOP
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
NOV ’96
DS237PP2
1
20-Bit, Stereo A/D Converter for Digital Audio
S/H
S/H
Voltage Reference
Comparator
Comparator
VA+
PU
DAC
DAC
LP Filter
LP Filter
VD+
DGND
MCLK
Digital Decimation
Filter
Digital Decimation
Filter
Serial Output Interface
SDATA
AINR-
AGND
AINL-
AINL+
AINR+
High Pass
Filter
High Pass
Filter
DIF1
DIF0
FRAME SCLK LRCK
HP DEFEAT
CMOUT
OVFL
11
7
2
8
12
9
20
19
1
5
6
4
13
14
17
16
15
3
10
RST
18
CS5334 CS5335
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
Preliminary Product Information
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)


Similar Part No. - CS5334

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
749Kb / 18P
Evaluation Board
More results

Similar Description - CS5334

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
8 Pin Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com