Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5334 Datasheet HTML 7Page - Cirrus Logic CS5334 Datasheet HTML 8Page - Cirrus Logic CS5334 Datasheet HTML 9Page - Cirrus Logic CS5334 Datasheet HTML 10Page - Cirrus Logic CS5334 Datasheet HTML 11Page - Cirrus Logic CS5334 Datasheet HTML 12Page - Cirrus Logic CS5334 Datasheet HTML 13Page - Cirrus Logic CS5334 Datasheet HTML 14Page - Cirrus Logic CS5334 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
P7 - Overrange
0 - Analog input less than full-scale level
1 - Analog input greater than full-scale
P6 - Idle channel
0 - Analog input >-60 dB from full-scale
1 - Analog input <-60 dB from full-scale
P5 to P0 - Peak Signal Level Bits (1 dB steps)
Inputs <0 dB
P5 - P0
0 dB
000000
-1 dB
000001
-2 dB
000010
-60 dB
111100
Inputs >0 dB
P5 - P0
0 dB
000000
+1 dB
000001
+2 dB
000010
+3 dB
000011
Bar Graph Mode
This mode provides a decoded output format
which indicates the peak Peak Signal Level in a
"Bar Graph" format.
Input Level
P7 - P0
Overflow
11111111
0 dB
to -3 dB
01111111
-3 dB
to -6 dB
00111111
-6 dB
to -10 dB
00011111
-10 dB to -20 dB
00001111
-20 dB to -30 dB
00000111
-30 dB to -40 dB
00000011
-40 dB to -60 dB
00000001
< - 60 dB
00000000
Overflow
Overflow indicates analog input overrange, for
both the Left and Right channels, since the last
update request on the Peak Update pin. A value
of 1 indicates an overrange condition. The left
channel information is output on OVFL during
the left channel portion of LRCK. The right
channel information is available on OVFL during
the right channel portion of LRCK.
Initialization
Upon initial power-up, the digital filters and
delta-sigma modulators are reset and the internal
voltage
reference
is
powered
down.
The
CS5334/5 will remain in the power-down mode
until valid clocks are presented. A valid MCLK
is required to exit power-down in Master Mode.
However, in Slave Mode, MCLK and LRCK of
the proper ratio are required to exit power-down.
MCLK occurrences are also counted over one
LRCK period to determine the MCLK / LRCK
frequency ratio in Slave Mode. Power is then ap-
plied to the internal voltage reference, the analog
inputs will move to approximately 2.2V and out-
put clocks will begin (Master Mode only). This
process requires 32 periods of LRCK and is fol-
lowed by the initialization sequence.
Initialization with High Pass Filter Enabled
28,672 LRCK cycles are required for the initiali-
zation sequence with the high pass filter enabled.
This time is dominated by the settling time re-
quired for the high pass filter.
Initialization and Internal Calibration with
High Pass Filter Disabled
If the HP DEFEAT pin is high (high pass filter
disabled) during the initialization sequence, the
CS5334/5 will perform an internal dc calibration
by:
1. disconnecting the internal ADC inputs from
the input pins,
2. connecting the (differential) ADC inputs to a
common reference voltage,
CS5334 CS5335
DS237PP2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com