Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5334 Datasheet HTML 10Page - Cirrus Logic CS5334 Datasheet HTML 11Page - Cirrus Logic CS5334 Datasheet HTML 12Page - Cirrus Logic CS5334 Datasheet HTML 13Page - Cirrus Logic CS5334 Datasheet HTML 14Page - Cirrus Logic CS5334 Datasheet HTML 15Page - Cirrus Logic CS5334 Datasheet HTML 16Page - Cirrus Logic CS5334 Datasheet HTML 17Page - Cirrus Logic CS5334 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VA+ - Positive Analog Power, Pin 3.
Positive analog supply. Nominally +5 volts.
VD+ - Positive Digital Power, Pin 6.
Positive digital supply. Nominally +5 volts.
AGND - Analog Ground, Pin 4.
Analog ground reference.
DGND - Digital Ground, Pin 5.
Digital ground reference.
Analog Inputs
AINR-, AINR+ - Differential Right Channel Analog Input, Pin 14 and Pin 13.
Analog input connections of the right channel differential inputs. Typically 2 Vrms differential
(1Vrms for each input pin) for a full-scale analog input signal.
AINL-, AINL+ - Differential Left Channel Analog Input, Pin 16 and Pin 17.
Analog input connections of the left channel differential inputs. Typically 2 Vrms differential
(1Vrms for each input pin) for a full-scale analog input signal.
Analog Outputs
CMOUT - Common Mode Output, Pin 15.
This output, nominally 2.2V, can be used to bias the analog input circuitry to the common mode
voltage of the CS5334/5.
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
10
11
High Pass Filter Defeat
HP DEFEAT
DIF0
Digital Interface Format 0
OverFlow
OVFL
DIF1
Digital Interface Format 1
Analog Power
VA+
RST
Reset
Analog Ground
AGND
AINL+
Non-Inverting Left Channel Input
Digital Ground
DGND
AINL-
Inverting Left Channel Input
Digital Power
VD+
CMOUT
Common Mode Output
Master Clock
MCLK
AINR-
Inverting Right Channel Input
Serial Data Clock
SCLK
AINR+
Non-Inverting Right Channel Input
Serial Data Output
SDATA
LRCK
Left/ Right Clock
Frame Signal
FRAME
PU
Peak Update
CS5334 CS5335
14
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com