Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5334 Datasheet HTML 12Page - Cirrus Logic CS5334 Datasheet HTML 13Page - Cirrus Logic CS5334 Datasheet HTML 14Page - Cirrus Logic CS5334 Datasheet HTML 15Page - Cirrus Logic CS5334 Datasheet HTML 16Page - Cirrus Logic CS5334 Datasheet HTML 17Page - Cirrus Logic CS5334 Datasheet HTML 18Page - Cirrus Logic CS5334 Datasheet HTML 19Page - Cirrus Logic CS5334 Datasheet HTML 20Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PACKAGE DIMENSIONS
E
eb
A
A1
D
E1
A2
See DETAIL ’A’
θ
L
0.25 BSC
Seating
Plane
Gauge
Plane
3
3
DETAIL ’A’
SIDE VIEW
END VIEW
TOP VIEW
4
Seating Plane
Notes:
1.
Dimensioning and tolerance per
ANSI.Y14.5M-1982.
2.
Symbols are defined in the "MO
Series Symbol List" in section 2.2
of JEDEC Publication 95.
3.
"D" and "E1" are reference datums
and do not include mold flash or
protrusions, but do include mold
mismatch and are measured at the
parting line, mold flash or protrusions
shall not exceed 0.20mm per side.
4.
Dimension b does not include
dambar protrusion/intrusion.
Allowable dambar protrusion shall
be 0.13mm total in excess of b
dimension at maximum material
condition. Dambar intrusion shall
not reduce dimension b by more than
0.07mm at least material condition.
5.
These dimensions apply to the flat
section of the lead between 0.10 and
0.25mm from lead tips.
N
1
32
SSOP
Package Dimensions
N
D
MIN NOM MAX
14
16
20
24
28
30
5.90 6.20 6.50
5.90 6.20 6.50
6.90 7.20 7.50
7.90 8.20 8.50
9.90 10.20 10.50
9.90 10.20 10.50
Note
3
3
3
3
3
3
8
2.70 3.00 3.30
3
18
6.90 7.20 7.50
3
22
7.90 8.20 8.50
3
DIM
MILLIMETERS
MIN NOM MAX
A
A1
A2
b
D
E1
e
E
L
N
θ
-
-
2.13
0.05
-
0.25
1.62 1.75 1.88
0.22
-
0.38
see other table
5.00 5.30 5.60
0.65 BSC
7.40 7.80 8.20
0.63 0.90 1.03
see other table
0°
4°
8°
Note
4, 5
3
3
CS5334 CS5335
18
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com