Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5334 Datasheet HTML 1Page - Cirrus Logic CS5334 Datasheet HTML 2Page - Cirrus Logic CS5334 Datasheet HTML 3Page - Cirrus Logic CS5334 Datasheet HTML 4Page - Cirrus Logic CS5334 Datasheet HTML 5Page - Cirrus Logic CS5334 Datasheet HTML 6Page - Cirrus Logic CS5334 Datasheet HTML 7Page - Cirrus Logic CS5334 Datasheet HTML 8Page - Cirrus Logic CS5334 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DIGITAL FILTER CHARACTERISTICS (TA = 25 °C; VA+ = VD+ = 5V ± 5%; Fs = 48 kHz)
Parameter
Symbol
Min
Typ
Max
Units
Passband
(Note 1)
0.02
-
21.7
kHz
Passband Ripple
-
-
±0.0025
dB
Stopband
(Note 1)
26.3
-
6118
kHz
Stopband Attenuation
(Note 2)
85
-
-
dB
Group Delay (Fs = Output Sample Rate)
tgd
-
32/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0
µs
High Pass Filter Characteristics
Frequency Response:
-3 dB
(Note 1)
-0.01 dB
-
-
0.9
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 1)
-
2.6
-
Degree
Passband Ripple
-
-
0
dB
Notes:
1. Filter characteristic scales with output sample rate.
2. The analog modulator samples the input at 6.144 MHz for an output sample rate of 48 kHz. There is
no rejection of input signals which are multiples of the sampling frequency ( n x 6.144 MHz
±21.7kHz
where n = 0,1,2,3...).
DIGITAL CHARACTERISTICS (TA = 25 °C; VA+ = VD+ = 5V ± 5%)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.4
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage at lo = -20
µA
VOH
(VD+)-1.0
-
-
V
Low-Level Output Voltage at lo = 20
µA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
ABSOLUTE MAXIMUM RATINGS (AGND = 0V, all voltages with respect to ground.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply:
VA+
-0.3
-
+6.0
V
Input Current, Any Pin Except Supplies
(Note 3)
Iin
-
-
±10
mA
Analog Input Voltage
(Note 4)
VINA
-0.7
-
(VA+)+0.7
V
Digital Input Voltage
(Note 4)
VIND
-0.7
-
(VA+)+0.7
V
Ambient Temperature (power applied)
TA
-55
-
+125
°C
Storage Temperature
Tstg
-65
-
+150
°C
Notes:
3. Any Pin except supplies. Transient currents of up to +/- 100 mA on the analog input pins will not
cause SCR latch-up.
4. The maximum over/under voltage is limited by the input current.
WARNING:Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5334 CS5335
DS237PP2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com