Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5334 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5334
Description  20-Bit, Stereo A/D Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5334 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5334 Datasheet HTML 1Page - Cirrus Logic CS5334 Datasheet HTML 2Page - Cirrus Logic CS5334 Datasheet HTML 3Page - Cirrus Logic CS5334 Datasheet HTML 4Page - Cirrus Logic CS5334 Datasheet HTML 5Page - Cirrus Logic CS5334 Datasheet HTML 6Page - Cirrus Logic CS5334 Datasheet HTML 7Page - Cirrus Logic CS5334 Datasheet HTML 8Page - Cirrus Logic CS5334 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SWITCHING CHARACTERISTICS
(TA = 25
°C; VA+ = 5V ± 5%; Inputs: Logic 0 = 0V, Logic 1 = VA+ = VD+; CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Units
Output Sample Rate
Fs
2.0
-
50
kHz
MCLK Period
MCLK / LRCK = 256
t clkw
78
-
1953
ns
MCLK Low
MCLK / LRCK = 256
t clkl
31
-
-
ns
MCLK High
MCLK / LRCK = 256
t clkh
31
-
-
ns
MCLK Period
MCLK / LRCK = 384
t clkw
52
-
1302
ns
MCLK Low
MCLK / LRCK = 384
t clkl
20
-
-
ns
MCLK High
MCLK / LRCK = 384
t clkh
20
-
-
ns
MCLK Period
MCLK / LRCK = 512
t clkw
39
-
976
ns
MCLK Low
MCLK / LRCK = 512
t clkl
15
-
-
ns
MCLK High
MCLK / LRCK = 512
t clkh
15
-
-
ns
MASTER MODE
SCLK falling to LRCK
(Note 5)
t mslr
-10
-
10
ns
SCLK falling to SDATA valid
(Note 5)
t sdo
-10
-
35
ns
SCLK Duty cycle
-
50
-
%
SCLK falling to Frame Valid
(Note 5)
t sfo
-10
-
(Note 6)
ns
LRCK edge to OVFL Valid
t ovfl
-10
-
30
ns
LRCK edge to OVFL edge delay
t ovfl
-10
-
(Note 10)
ns
SLAVE MODE
LRCK duty cycle
25
50
75
%
SCLK Period
t sclkw
(Note 7)
-
-
ns
SCLK Pulse Width Low
(Note 8)
t sclkl
(Note 11)
-
-
ns
SCLK Pulse Width High
(Note 9)
t sclkh
50
-
-
ns
SCLK falling to SDATA valid
(Note 5)
t dss
-
-
(Note 11)
ns
LRCK edge to MSB valid
t lrdss
-
-
(Note 11)
ns
SCLK rising to LRCK edge delay
(Note 12)
t slr1
50
-
-
ns
LRCK edge to rising SCLK setup time
(Note 12)
t slr2
(Note 11)
-
-
ns
SCLK falling to Frame delay
t sfo
-
-
(Note 13)
ns
Notes: 5. SCLK rising for Mode 1.
6.
1
(1024)(Fs)
+ 30ns 7.
1
(96)(Fs)
8. Pulse Width High for Mode 1
9. Pulse Width Low for Mode 1
10.
1
(512)(Fs)
+ 20ns 11.
1
(512)(Fs)
+ 50ns
12. SCLK Falling for Mode 1
13.
1
(384)(Fs)
+ 35ns
CS5334 CS5335
4
DS237PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com