Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 3 Page - Silicon Supplies

  74ACT3301 Datasheet HTML 1Page - Silicon Supplies 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
Configuration Options
Each configuration comprises one output with the choice of selected
frequency divide, output enable, crystal drive and output rise/fall time.
OUTPUT
RISE / FALL
TIME (ns)
DIVIDE
ENABLE
DRIVE
Crystal drive options:
L = Low drive
M = Medium drive
H = High drive.
1,2,4
OEH
L, M, H
2, 4
1,2,4
OEH
H
2, 4
8, 16, 32
OEH
H
4
8, 16, 32
OEH
L, M, H
4
1,2,4
OEL
H
1, 2
4
OEH
H
4
32
OEH
H
4
1,2,4
OEH
H
1, 2
1,2,4
OEL
L, M, H
2, 4
Pad Descriptions
INPUTS
OSC_IN (Pad 17) - Input to Oscillator Inverter. The output of the crystal would be connected here.
CONTROL INPUTS
DIVA (Pad 12) - Input used to select Binary Divide-By Option. This pin has CMOS compatible input levels.
DIVB (Pad 14) - 3 Level input used to select Binary Divide-By value.
DIVBB (Pad 16) - This pin is the same signal DIVB and provided as an alternative connection for hybrid assemblies.
OSC_DR (Pad 13) - 3 Level input pin that selects Oscillator Drive Level.
OEH (Pad 6) - Active High Three-state enable pin. This pin pulls to a high value when left floating and three-states the output when
forced low. This pin has TTL compatible input levels.
OEL (Pad 5) - Active Low Three-state enable pin. This pin pulls to a low value when left floating and three-states
the output when forced high. This pin has TTL compatible input levels.
TRF (Pad 11) - Rise and Fall time override pin
OUTPUTS
OUT (Pad 9) - This pin is the main clock output on the device.
OSC_OUT (Pad 1) - Resistive buffered output of the Oscillator inverter
OTHER PADS
OSC_LO_1 (Pad 7) - The Oscillator Low pin is the ground for the Oscillator.
OSC_LO_2 (Pad 15) - This pin is the same signal as OSCLO_1 and provided as an alternative connection for hybrid assemblies.
VCC (Pad 10) - The power pin for the chip.
GND (Pad 8) - The ground pin for all sections of the circuitry except the oscillator and oscillator related circuitry.
Page 3 of 10
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com