Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 8 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 8 Page - Silicon Supplies

Back Button 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies 74ACT3301 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
DC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
Input current high
(OSC_IN)
IIH
VIN = 5.5V
VCC = 5.5V
20
-
125
µA
Input current low
(OSC_IN)
IIL
VIN = 0V
VCC = 5.5V
-20
-
-125
µA
Quiescent supply
current, output low
ICCL
-
-
240
µA
OEH = 5.5V,
OEL = 0V,
VCC = 5.5V
All other inputs
Quiescent supply
VIN = VCC or
current, output high
ICCH
GND
-
-
45
µA
OEH = 0V,
Quiescent supply
OEL = 5.5V,
current,
output three-state
ICCZ
All other inputs
VIN = VCC or
GND
VCC = 5.5V
-
-
45
µA
OSC_DR
=0.45V
VCC = 4.5V
0.6
-
-
mA
OSC_DR
=0.55V
VCC = 5.5V
-
-
6.5
mA
OSC_DR
=4.05V
VCC = 4.5V
1.7
-
-
mA
OSC_DR
=4.95V
VCC = 5.5V
-
-
12.4
mA
OSC_DR
=1.8, 2.7V
VCC = 4.5V
5.5
-
-
mA
OSC_IN =
Quiescent supply
Floating,
current delta,
OSC_IN Floating
Δ ICCO
all other inputs,
VIN = VCC or
GND
OSC_DR
=2.2, 3.3V
VCC = 5.5V
-
-
31.5
mA
DIVB,OSC_DR
Quiescent supply
= 2.75V, all
current delta,
input 3 level
Δ ICC3L
other inputs,
VIN = VCC or
GND
VCC = 5.5V
-
-
1.5
mA
OEL, OEH =
Quiescent supply
VCC - 2.1V, all
current delta,
TTL input level
Δ ICCT
4
other inputs,
VIN = VCC or
GND
VCC = 5.5V
-
-
1.5
mA
4.
Performed one input at a time.
Page 8 of 10
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com