Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 6 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 6 Page - Silicon Supplies

Back Button 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies 74ACT3301 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page 6 of 10
www.siliconsupplies.com
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
DC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 4.5V
3.15
-
-
Minimum high level
input voltage. CMOS
(DIVA)
VIH2
VCC = 5.5V
3.85
-
-
V
VCC = 4.5V
-
-
1.35
Maximum low level
input voltage. CMOS
(DIVA)
VIL2
VCC = 5.5V
-
-
1.65
V
VCC = 4.5V
4.05
-
-
Min. high level input
voltage. TRI-STATE
(
DIVB, OSC_DR)
VIH3
VCC = 5.5V
4.95
-
-
V
VCC = 4.5V
-
-
0.45
Max. low level input
voltage. TRI-STATE
(
DIVB, OSC_DR)
VIL3
VCC = 5.5V
-
-
0.55
V
VCC = 4.5V
1.80
-
2.70
½ level input voltage.
TRI-STATE
(
DIVB, OSC_DR)
V½
VCC = 5.5V
2.20
-
3.30
V
VCC = 4.5V
4.40
-
-
OEH = VIH1,
DIVA = VIH2,
OEL = GND,
DIVB = VIH3 or
V½, IOH = -50 µA
VCC = 5.5V
5.40
-
-
V
VCC = 4.5V
3.76
-
-
OEH, DIVA,
DIVB = VCC;
OEL = GND;
IOH = -48 mA
VCC = 5.5V
4.76
-
-
V
High level output
voltage
(OUT)
VOH1
OEH, DIVA,
DIVB = VCC,
OEL = GND,
IOH = -75 mA
3
VCC = 5.5V
3.85
-
-
V
VCC = 4.5V
3.46
-
-
High level output
voltage, low drive
(OSC_OUT)
VOH2
OSC_IN,
OSC_DR = 0V,
IOH = -150 µA
VCC = 5.5V
4.46
-
-
V
VCC = 4.5V
3.46
-
-
High level output
voltage, medium drive
(OSC_OUT)
VOH3
OSC_IN = 0V,
OSC_DR= VCC
IOH = -600 µA
VCC = 5.5V
4.46
-
-
V
OSC_DR
=2.25V
3.46
-
-
High level output
voltage, high drive
(OSC_OUT)
VOH4
OSC_IN = 0V,
IOH = -1 mA
OSC_DR
=2.75V
4.46
-
-
V
Minimum Dynamic
Output Current
IOH
VOH = 3.85V
VCC = 5.5V
-75
-
-
mA
3.
Transmission driving tests are performed at VCC = 5.5 V with a 2 ms duration maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com