Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 9 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 9 Page - Silicon Supplies

Back Button 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies 74ACT3301 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
DC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
VCC = 4.5V
-
-
5
VOUT = VCC,
OEH = 0.8V,
Three-state output
OEL = 2V,
leakage current high
IOZH
all other inputs,
VIN = VCC or
GND
VCC = 5.5V
-
-
5
µA
VCC = 4.5V
-
-
-150
VOUT = 0V,
OEH = 0.8V,
Three-state output
leakage current high
IOZL
OEL = 2V,
µA
all other inputs,
VIN = VCC or
GND
VCC = 5.5V
-
-
-180
AC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
LIMITS
PARAMETER
SYMBOL
CONDITIONS
UNITS
MIN
TYP
MAX
CL = 50 pF,
Frequency Maximum
fMAX
RL = 500Ω,
tr, tf = 3ns
VCC = 4.5V
100
-
-
MHz
tPZH
VCC = 4.5V
1
-
31.5
CL = 50 pF,
Output enable time,
ns
RL = 500Ω,
OEL or OEH to OUT
tPZL
tr, tf = 3ns
VCC = 4.5V
1
-
28.0
tPHZ
VCC = 4.5V
1
-
21.5
Output disable time,
OEL or OEH to OUT
tPLZ
CL = 50 pF,
RL = 500Ω,
tr, tf = 3ns
VCC = 4.5V
1
-
16.0
ns
Switching Waveform
Conditions:
When measuring tPLZ and tPZL: VTEST = 2 x VCC.
When measuring tPHZ, tPZH, tPLH and tPHL: VTEST = open.
The tPZL and tPLZ reference waveform is for the output
under test with internal conditions such that the output is
at VOL except when disabled by the output enable control.
The tPZH and tPHZ reference waveform is for the output
under test with internal conditions such that the output is
at VOH except when disabled by the output enable control.
Page 9 of 10
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com