Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 5 Page - Silicon Supplies

  74ACT3301 Datasheet HTML 1Page - Silicon Supplies 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 of 10
www.siliconsupplies.com
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage Range
VCC
-0.5 to +7.0
V
Input Voltage Range
VIN
-0.5 to +7.0
V
Output Voltage Range
VOUT
-0.5 to VCC +0.5
V
Input Diode Current
IIK
±9
mA
Output Diode Current
IOK
±20
mA
Output Source or Sink Current
IOUT
±70
mA
Storage Temperature
TSTG
-65 to +150
°C
Power Dissipation in Still Air
2
PD
500
mW
DC Electrical Characteristics (+4.5V ≤ V
CC ≤ +5.5 V, -40°C ≤ TJ ≤ +85°C unless otherwise specified)
1.
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2.
Measured in 16 lead ceramic package, results in die form are dependent on die attach and assembly method.
Recommended Operating Conditions
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 4.5V
2
-
-
Minimum high level
input voltage. TTL
(OEH, OEL)
VIH1
VCC = 5.5V
2
-
-
V
VCC = 4.5V
-
-
0.8
Maximum low level
input voltage. TTL
(OEH, OEL)
VIL1
VCC = 5.5V
-
-
0.8
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
Operating Temperature
TJ
-40
+85
°C
DC Supply Voltage
VCC
+4.5
+5.5
V
Input voltage range
VIN
0
+5.5
V
Output Voltage Range
VOUT
0
VCC
V
Maximum low level input voltage
(VIL1) (OEH, OEL)
-
0.8
V
Minimum high level input voltage
(VIH1) (OEH, OEL)
-
2
V
Maximum low level input voltage
(VIL2) (DIVA)
30% VCC
V
Minimum high level input voltage
(VIH2) (DIVA)
70% VCC
V
Maximum low level input voltage
(VIL3) (OSC_DR, DIVB)
10% VCC
V
One-half input voltage level
(V½) (OSC_DR, DIVB)
50% VCC
V
Minimum high level input voltage
(VIH3) (OSC_DR, DIVB)
90% VCC
V
Maximum high level output current
IOH
-
-48
Ma
Maximum low level output current
IOL
-
+48
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com