Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT3301 Datasheet HTML 1Page - Silicon Supplies 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 
CMOS Clock Generator – 74ACT3301
Monolithic crystal controlled CMOS oscillator in bare die form
Rev 1.1
06/05/19
Crystal frequency operation range:
fundamental: 10 MHz to 100 MHz typical
3rd or 5th overtone: 10 MHz to 85 MHz
Programmable oscillator drive
Selectable fast output edge rates
Output symmetry circuit to adjust 50% duty cycle
point between CMOS and TTL levels
Output current drive of 48 mA for IOL/IOH
Output has high speed short circuit protection
Basic oscillator type: Pierce
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability version of this product please see
54ACT3301
Description
Die Size (Unsawn)
1550 x 1540
61 x 61
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74ACT3301 is a crystal controlled CMOS
oscillator requiring a minimum of external components
and is designed for Clock Generation and Support
applications up to 110 MHz. The device is highly
versatile, providing selectable output divide ratios,
multiple crystal drive levels and selectable rise and fall
timing options. The circuit is designed to operate over
a wide frequency range using fundamental model or
overtone crystals. The device is a direct electrical and
mechanical replacement for the obsolete 74ACT3301
produced by National Semiconductor.
Ordering Information
Die Dimensions in µm (mils)
1550 (61)
Page 1 of 10
www.siliconsupplies.com


Similar Part No. - 74ACT3301

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
Rev 1.2 16/09/22
74ACT3301 SS-74ACT3301 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
74ACT3301 SS-74ACT3301_V01 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
Rev 1.2 16/09/22
74ACT3301 SS-74ACT3301_V02 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
More results

Similar Description - 74ACT3301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Silicon Laboratories
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com