Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT3301 Datasheet(PDF) 10 Page - Silicon Supplies

Part # 74ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT3301 Datasheet(HTML) 10 Page - Silicon Supplies

Back Button 74ACT3301 Datasheet HTML 2Page - Silicon Supplies 74ACT3301 Datasheet HTML 3Page - Silicon Supplies 74ACT3301 Datasheet HTML 4Page - Silicon Supplies 74ACT3301 Datasheet HTML 5Page - Silicon Supplies 74ACT3301 Datasheet HTML 6Page - Silicon Supplies 74ACT3301 Datasheet HTML 7Page - Silicon Supplies 74ACT3301 Datasheet HTML 8Page - Silicon Supplies 74ACT3301 Datasheet HTML 9Page - Silicon Supplies 74ACT3301 Datasheet HTML 10Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10 of 10
www.siliconsupplies.com
CMOS Clock Generator – 74ACT3301
Rev 1.1
06/05/19
Test Circuit
Test Conditions:
CL = 50 pF minimum or equivalent (includes test jig and probe capacitance)
RL = 500Ω or equivalent, RT = 50Ω or equivalent
Input signal from pulse generator: VIN = 0.0 V to 3.0 V; PRR ≤ 10 MHz ; tr ≤ 3.0 ns; tf ≤ 3.0ns
tr and tf and measured from 0.3 V to 2.7 V and from 2.7 V to 0.3 V, respectively; duty cycle = 50 percent
Timing parameters at a minimum input frequency of 1 MHz
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com