Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. GPL191C Datasheet HTML 12Page - Generalplus Technology Inc. GPL191C Datasheet HTML 13Page - Generalplus Technology Inc. GPL191C Datasheet HTML 14Page - Generalplus Technology Inc. GPL191C Datasheet HTML 15Page - Generalplus Technology Inc. GPL191C Datasheet HTML 16Page - Generalplus Technology Inc. GPL191C Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
13
Mar. 08, 2010
Version: 1.1
8.2. 1024 Points LCD Driver, 64 Segments × 16 Commons
Note1: IOCD3 – 0 can be mask-option for segment 63 – 60.
Note2: These capacitors must be connected if voltage doubler and voltage regulator are used.
Note3: Wire route path from capacitors (C6 – 1) to chip should be as close as possible.
Note4: If voltage doubler and voltage regulator are not used, VLCD should be connected to VDD.
Note5: C7, C8 and crystal should be placed as close as possible to X32I and X32O. A shielding by ground is suggested.
Note6: The value of C7 and C8 are for design guidance only. Different capacitor values may be required for different crystal/resonator used.
Note7: The capacitor value of C1 is from 30pF to 200pF, according to system noise level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com