Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPL191C Datasheet HTML 1Page - Generalplus Technology Inc. GPL191C Datasheet HTML 2Page - Generalplus Technology Inc. GPL191C Datasheet HTML 3Page - Generalplus Technology Inc. GPL191C Datasheet HTML 4Page - Generalplus Technology Inc. GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
5
Mar. 08, 2010
Version: 1.1
5. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
SEG3 - 0
SEG51 - 4
SEG63 - 52
4 - 1
54 - 101
37 - 48
O
LCD driver segment output. SEG59 - 52 can be re-assigned as
IOAB7 - 0 bi-directional I/O ports. Also, SEG60 - 63 can be re-assigned as IOCD0 - 3
bi-directional I/O port. (mask option)
COM13 - 0
COM15 - 14
18 - 5
29 - 30
O
LCD driver common output. COM15 - 14 can be re-assigned as
IOEF7 - 6 bi-directional I/O port. (mask option)
IOEF3 - 0
33 - 36
I/O
Port EF is a bi-directional I/O port, can be software programmed as wake up I/O.
RxD
31
I
UART input. Can be optioned to IOEF5.
TxD
32
O
UART output. Can be optioned to IOEF4.
ROSC
28
I
ROSC input, connect to VDD through a resistor.
RESET
22
I
System reset input, low active.
AUDP
AUDN
50
51
O
PWM audio output.
X32I
25
I
32.768KHz crystal input or connects to VDD through a resistor. (option)
X32O
24
O
32.768KHz crystal output.
TEST
23
I
Test input
VLCD
26
P
LCD voltage. Connect to VSS through a capacitor if voltage doubler is enabled.
HVLCD
21
P
LCD voltage generation. Connect to VSS through a capacitor if voltage regulator is
enabled.
CUP1
CUP2
20
19
P
LCD voltage generation. Charge pump capacitor interconnection pins.
VDD
27
P
Power supply voltage input.
VSS
53
P
Ground reference.
PVDD
49
P
PWM driver power.
PVSS
52
P
PWM driver ground reference.
Legend: I = Input, O = Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com