Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 4Page - Generalplus Technology Inc. GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. GPL191C Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
8
Mar. 08, 2010
Version: 1.1
6.5. LCD Controller/Driver
GPL191C contains a 1024-dot LCD driver. Programmers can set
the LCD configuration (bias, duty, voltage doubler) by writing to
LCD control register ($20).
Once the LCD configuration is
initialized, the desired pattern can be displayed by filling the LCD
buffer with appropriate data. The LCD driver can also operate
during sleep by keeping 32768Hz oscillator running. The LCD
driver in GPL191C is designed to fit most LCD specifications. It
can either be programmed as 1/4 or 1/5 bias and the duty is also
programmable as 1/8, 1/12, or 1/16 duty.
6.6. Voltage Doubler/Regulator
The GPL191C also contains a built-in voltage doubler and a
voltage regulator.
The voltage regulator provides a reference
voltage (HVLCD) for the voltage doubler to generate VLCD (by
charge-pumping). Users can get desired VLCD by changing the
output reference voltage (writing to register) of the voltage
regulator. By enabling the voltage doubler and regulator, users
can get a stable VLCD that will not be affected by VDD. The
three possible configurations of voltage doubler and regulator are
shown in the following table:
Regulator
Doubler
VLCD
OFF
OFF
VDD (not regulated)
OFF
ON
2*VDD (not regulated)
ON
OFF
N/A
ON
ON
Adjustable
Note that when voltage regulator and voltage doubler are enabled,
VDD should be lower than VLCD-0.5V to prevent forward biasing
the p-n junction of I/O’s output PMOS.
6.7. PWM Output
Internally, the GPL191C has one PWM output with two sound
channels.
Each channel can be set to play speech or tone
individually. GPL191C uses Pulse Width Modulation that could
directly drive speaker or buzzer without any buffer or amplification
circuit.
6.8. Asynchronous Serial Interface (UART)
The
GPL191C
supports
a
1-channel
UART
for
serial
communications. It supports bit rates up to 115.2kbps. UART
operation
is
controlled
by
UART
command
registers.
Configurations such as Tx/Rx interrupt, parity check, parity
even/odd and clock source can be set in command registers.
Two interrupts are generated by Rx and Tx.
The Rx or Tx
interrupt activates when a byte is received or transmitted. By
reading the status register, users can tell whether the interrupt is
generated by Rx or Tx. Framing, overrun and parity errors are
detected as each byte is received. All error status can be read
from status register.
The UART supports clock auto calibration.
If this clocking
scheme is selected, standard baud rates from 1.2kbps to
115.2kbps are available. The baud rate is selected by writing to
baud rate control registers. The supported standard baud rates
and their minimum R-oscillator clock frequency required are
shown in the following table:
Baud Rate(bps)
Min. Frosc(Hz)
1200
24000
2400
48000
4800
96000
9600
192000
19200
384000
38400
768000
51200
1024000
57600
1152000
102400
2048000
115200
2304000
If the auto calibration clocking scheme is not selected, users can
get desired baud rates by writing appropriate values to pre-scalar
registers.
Non-standard baud rates can be obtained this way.
When using the non-calibration mode, one should be aware that
the frequency of R-oscillator may alter due to manufacturing
process variations, supply voltage, operating temperature and
tolerance of external R components used.
6.9. Low Voltage Detection
The GPL191C provides a 2.6V/2.4V voltage detector to detect a
low voltage event. Users can turn on 2.6V detection and read
bit1 of the port periodically to monitor whether VDD is lower than
2.6V. In addition, if 2.4V detection is turned on and VDD drops
below 2.4V, after a SLEEP command is issued, system will shut
down all activities (LCD bias, LCD display, 32768Hz oscillator) and
enters standby mode to reduce current consumption. This low
voltage power-down can be awakened by a PEF0 key change or
RESET. Users can use this feature to implement the low battery
check/battery change function.
OPERATING
STANDBY
VDD < 2.4V and SLEEP
Port EF0 Key wake-up
or user reset
State Diagram of Low Voltage Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com