Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. GPL191C Datasheet HTML 12Page - Generalplus Technology Inc. GPL191C Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
9
Mar. 08, 2010
Version: 1.1
6.10. Watchdog Timer (WDT)
An on-chip watchdog timer is available in the GPL191C. The
WDT is designed for recovering the system from abnormal
operation.
If the system is stalled, the WDT will generate a
system reset to restart system after one second.
If WDT is
enabled, the WDT should be cleared every 0.5 seconds to avoid
accidental reset. The WDT can be cleared by writing to WDT
clear register. Note that the WDT only works when 32768 Hz
clock is available.
6.11. Mask Options
6.11.1. 32768Hz oscillator
1). X’TAL
2). R-oscillator
6.11.2. Watchdog timer
1). Enable
2). Disable
6.11.3. TxD/RxD select
1). TxD as UART transmit output, RxD as UART receive input
2). TxD as I/O port EF4, RxD as I/O port EF5
6.11.4. Port EF bit7 – 0 with 600K, Pull-Low
Each bit can be optioned to Enable/Disable individually.
6.11.5. I/O and LCD driver
Some examples are shown below:
Dots
Segment
Common
Input/Output
Input/Output
Input/Output
1024
64
16
4 IOEF3 – 0
-
-
960
60
16
4 IOEF3 – 0
4 IOCD3 – 0
-
832
52
16
4 IOEF3 – 0
4 IOCD3 – 0
8 IOAB7 – 0
768
64
12
8 IOEF3 – 0
-
-
Each input/output port, IOAB7 – 0 and IOCD3 – 0, can be
optioned to LCD segments independently, and LCD commons
(COM15 – 12) can be optioned to IOEF7 – 6 when LCD mode is
1/8 duty or 1/12 duty. If UART is not used, 2 more I/O ports
(TxD/IOEF4, RxD/IOEF5) can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com