Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPL191C Datasheet HTML 1Page - Generalplus Technology Inc. GPL191C Datasheet HTML 2Page - Generalplus Technology Inc. GPL191C Datasheet HTML 3Page - Generalplus Technology Inc. GPL191C Datasheet HTML 4Page - Generalplus Technology Inc. GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
4
Mar. 08, 2010
Version: 1.1
4. BLOCK DIAGRAM
PROCESSOR
OSC GEN
TIME BASE
&
INTERRUPT
LOGIC
256K BYTES
ROM
704 BYTES
SRAM
TWO
16-BIT
AUTO
RELOADABLE
TIMER/COUNTERS
4
I/O
P
O
R
T
P
W
M
128 Bytes LCD
RAM
64 SEGMENTS x 16 COMMONS LCD DRIVER
MASK OPTION
ROSC
X32I
X32O
IOEF3-0 ( I/O)
AUDP
AUDN
TxD/IOEF4
RxD/IOEF5
COM15-0
SEG51-0
SEG59-52/IOAB7-0
SEG63-60/IOCD3-0
REGULATOR
DOUBLER
Watchdog
Timer
VOLTAGE
DETECTOR
U
A
R
T
16
4
4
8
52
8
4
8-BIT
MICRO
Note1: IOAB7 - 0 can be enabled by mask option from Segment 59 - 52. Each I/O (segment) can be mask optioned individually.
Note2: IOCD3 - 0 can be applied as segment 63 - 60 by mask option. Each I/O corresponds to one segment.
Note3: Common 15 - 12 can be optioned to IOEF7 - 6 when LCD driving type is selected as 1/8 duty or 1/12 duty.
Note4: TxD and RxD can be optioned to IOEF5 - 4 when UART is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com