Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPL191C Datasheet HTML 1Page - Generalplus Technology Inc. GPL191C Datasheet HTML 2Page - Generalplus Technology Inc. GPL191C Datasheet HTML 3Page - Generalplus Technology Inc. GPL191C Datasheet HTML 4Page - Generalplus Technology Inc. GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
3
Mar. 08, 2010
Version: 1.1
1024 Dots LCD Controller/Driver
with 256KB ROM
1. GENERAL DESCRIPTION
The GPL191C is an 8-bit CMOS microprocessor featuring 704
bytes working RAM, 256K bytes ROM, 12 I/Os, interrupt/wakeup
controller, UART for serial communication, and automatic display
controller/driver for LCD. It has one PWM driver with two audio
channel outputs.
Attractive sound effects can easily be
generated.
Its large ROM area can be used to store both
program and audio data (speech duration is approx. 80 seconds at
a 6KHz sampling rate using 4-bit ADPCM). The built-in UART
speeds up data transmission between two chips. Furthermore, a
SLEEP (power-down) feature is also built-in to reduce power
consumption.
The GPL191C is designed with state-of-the-art
technology to fulfill LCD application requirements, especially
hand-held products.
2. FEATURES
Built-in 8-bit processor
─
704 bytes SRAM
─
256K bytes ROM
─
Max. Operating Speed: 4.0MHz @ 2.4V
─
CPU clock is software programmable, can be 1/2, 1/4, 1/8
or 1/16 R-oscillator clock frequency
─
Key wake-up function
─
Provides 8 interrupt sources
Asynchronous serial interface (UART)
─
Supports bit rate up to 115.2 Kbps
Programmable LCD Driver
─
Up to 64 segments, up to 16 commons, maximum
1024 dots
─
1/4 or 1/5 bias capability
─
1/8, 1/12 or 1/16 duty
─
128 bytes dedicated LCD RAM
─
Built-in voltage doubler and voltage regulator to generate
VLCD for LCD driver
─
16-level VLCD adjustable
Power saving SLEEP mode (wakeup source: key input, 2Hz,
16Hz, and timer)
Low Voltage Detector
─
2.6V and 2.4V detection
Wide Operating Voltage:
─
2.4V - 3.6V
─
3.6V - 5.5V
Peripherals
─
12 I/O pins shared with LCD segments (mask option)
─
4 I/O pins (IOEF3 - 0)
─
Extra 2 general I/O pins (IOEF5 - 4) or 2 UART pins
(TXD - RXD) (mask option)
─
Extra 2 I/O pins (IOEF7 - 6) if LCD is 1/8 or 1/12 duty
(mask option)
─
Built-in 32.768KHz oscillator circuit for real time clock
Function
─
Built-in R-oscillator (only one resistor required)
─
Internal time base generator
─
Two 16-bit reloadable timer/counters (TM0 & TM1)
─
2-channel of 8-bit audio decoders
─
One PWM output
(can drive speaker or buzzer directly)
─
Watchdog Timer for reliable operation
Low-power consumption
3. APPICATION FIELD
Handheld Games
Scientific Calculator
Talking Calculator, Talking Clock
Talking Instrument Controller
General Speech Synthesizer
Data Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com