Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191C Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 3Page - Generalplus Technology Inc. GPL191C Datasheet HTML 4Page - Generalplus Technology Inc. GPL191C Datasheet HTML 5Page - Generalplus Technology Inc. GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
7
Mar. 08, 2010
Version: 1.1
6. FUNCTIONAL DESCRIPTIONS
6.1. ROM Area
The GPL191C is a large ROM based micro-controller with 1024
dots LCD driver. The large ROM can be defined as program
ROM, LCD fonts and audio data continuously without any
limitation.
To access ROM, users should program the Bank
Select register, choose bank, and then access bank address to
fetch data.
6.2. Map of Memory and I/Os
*I/O PORT:
*NMI SOURCE:
*INT SOURCE:
- INT1 ( from TIMER 1 )
- I/O AB_CTRL $0001
- PORT IOAB $0002
- PORT IOEF $0004
- PORT IOCD $0003
- I/O CD_CTRL $0000
- I/O EF_CTRL $0006
- INT0 ( from TIMER 0 )
- INT1 ( from TIMER 1 )
- 2 KHz
- T2 Hz ( 2Hz / 1 Hz)
- T16 Hz ( 4Hz/8Hz/16Hz/32Hz )
- 128 Hz
- EXT INT ( from IOCD1 pin )
- UART
*MEMORY MAP
H/W registers , I/Os
$00000
WORKING SRAM (192 bytes)
$0003F
$00040
GENERALPLUS TEST
PROGRAM
$000FF
$00400
USER's PROGRAM
DATA
AREA
SRAM for STACK and
Data Storage (512 bytes)
$00100
$002FF
$007FF
$00800
$07FFF
$08000
ROM BANK #1
$0FFFF
$10000
ROM BANK #2
$17FFF
$18000
ROM BANK #3
$1FFFF
$20000
ROM BANK #4
$27FFF
$28000
ROM BANK #5
$2FFFF
ROM BANK #0
$00300
LCD Buffer (128 bytes)
$0037F
ROM BANK #6
$30000
ROM BANK #7
$37FFF
$38000
$3FFFF
Note: $7FFA - $7FFF in ROM bank#0, and $FFFA - $FFFF in bank#1 – 7
are reserved for reset vectors.
$7FF2 - $7FF7 in bank#0, and $FFF2 - $FFF7 in bank#1 – 7 are reserved
for GENERALPLUS testing.
6.3. Operating States
The GPL191C supports three operating states: standby, halt, and
operating. Following table shows the differences between the
three operating states.
Operating
Halt
Standby
CPU
ON
OFF
OFF
32768 oscillator
ON
ON
OFF
LCD driver
ON
ON/OFF
OFF
In the operating state, all modules (CPU, 32768Hz oscillator,
timer/counter, LCD drive, etc.) are activated. The halt/standby
state is entered by writing to the SLEEP register. There are four
wake-up sources in GPL191C: port IOEF wake-up, Timer0
wake-up, 4Hz/ 8Hz/ 16Hz/ 32Hz wake-up and 2Hz/ 1Hz wake-up.
If any wake-up event occurs, execution of the next instruction
continues in the operating state.
When in standby, all modules are shut down, and RAM and I/Os
remain in their previous states.
Current consumption is
minimized in standby. By writing to the SLEEP register while the
32768Hz oscillator running, the system is in halt state. In halt
state, CPU clock is halted while it waits for an event (key press,
timer overflow) to generate a wake-up.
The 32768 related
modules (timer/counter, LCD drive, etc.) may remain active in the
halt state. The following figure is the GPL191C state diagram.
HALT
OPERATING
STANDBY
Write to SLEEP register,
32768 oscillator OFF
Wake-up or user reset
GPL191C State Diagram
6.4. Speech and Melody
Since the GPL191C provides large ROM and wide range of CPU
operating speed, it is very suitable for speech and melody
synthesis.
For speech synthesis, GPL191C provides several
timer interrupts for precise sampling frequency. Users can record
or synthesize the sound and digitize it into the ROM. The sound
then can be played back in the sequence assigned by the users’
programs. Several algorithms are recommended for high fidelity
and good compression of sound: such as PCM and ADPCM.
For melody synthesis, the GPL191C provides a dual tone mode.
Once in the dual tone mode, users need only to program the tone
frequency for each channel by writing to the timer/counter TM0
and TM1, and set the envelope for each channel. The hardware
will toggle the tone wave automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com