Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 4 Page - Semtech Corporation

  GS2989 Datasheet HTML 1Page - Semtech Corporation GS2989 Datasheet HTML 2Page - Semtech Corporation GS2989 Datasheet HTML 3Page - Semtech Corporation GS2989 Datasheet HTML 4Page - Semtech Corporation GS2989 Datasheet HTML 5Page - Semtech Corporation GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
4 of 20
Semtech
www.semtech.com
1. Pin Out
1.1 Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 Pin Descriptions
56
7
8
16
15
14
13
DDI
1
2
3
4
DDI
12
11
10
9
VCC
VEE
Ground Pad
(bottom of package)
SDO1
SDO1
SDO2
SDO2
GS2989
16-pin QFN
(top view)
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
1, 8
VCC
Power
Most positive power supply connection for the input buffer and core.
Connect to 3.3V or 2.5V.
2, 3
DDI, DDI
Input
Serial data differential input.
4, 13
VEE
Power
Most negative power supply connection for the input buffer and core.
Connect to GND.
5
RSET
Input
External output amplitude control resistor connection.
6*
DISABLE1
Input
Control signal input.
When set LOW, the first serial data output is disabled (powered-down) and the
SDO1/SDO1 pins are set to high-impedance. When set HIGH, the SDO1/SDO1 pins will
output a serial data signal.
Note: if this pin is left floating, the first serial data output will be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com