Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation GS2989 Datasheet HTML 17Page - Semtech Corporation GS2989 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
14 of 20
Semtech
www.semtech.com
4.7 Output Return Loss Measurement
The GS2989 has a feature which allows users to measure ORL reliably while the device is
still powered. The device can be put into a Balance mode which prevents the outputs
from toggling while the device is powered on, allowing the ORL to be measured while
the device is still powered.
When EQ_EN is LOW while SD/HD is HIGH, the device goes into Balance mode. This
mode is used during ORL measurement, disabling the AC signal path of the device
without powering it down. When in Balance mode, the device produces equal
pull-down currents in both differential shoulders of both serial data differential outputs,
effectively stopping all outputs at the output common mode voltage level. Semtech
recommends using Balance mode when measuring ORL with 2.5V termination voltage.
5. Application Information
5.1 PCB Layout
Special attention must be paid to component layout when designing serial digital
interfaces for HDTV.
An FR-4 dielectric can be used, however, controlled impedance transmission lines are
required for PCB traces longer than approximately 1cm. Note the following PCB artwork
features used to optimize performance:
•
The PCB trace width for HD rate signals is closely matched to SMT component
width to minimize reflections due to changes in trace impedance
•
The PCB ground plane is removed under the GS2989 output components to
minimize parasitic capacitance (Note: care should be taken, as removing too much
of the plane will make the system susceptible to EMI)
•
The PCB ground plane is removed under the GS2989 RSET pin and resistor to
minimize parasitic capacitance. The RSET resistor should be directly connected to
the VCC plane
•
Input and output BNC connectors are surface mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high-speed traces
Table 4-5: Typical RSET Values
Output Swing (mV)
RSET (
Ω)
1800*
332
800
750
500
1210
*Note: In order to generate output swings greater than 1040mV, VCC_TERM must be
connected to a 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com