Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2989 Datasheet HTML 1Page - Semtech Corporation GS2989 Datasheet HTML 2Page - Semtech Corporation GS2989 Datasheet HTML 3Page - Semtech Corporation GS2989 Datasheet HTML 4Page - Semtech Corporation GS2989 Datasheet HTML 5Page - Semtech Corporation GS2989 Datasheet HTML 6Page - Semtech Corporation GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GS2989
Dual-Slew-Rate, Dual-Output Cable
Driver with 3Gb/s Capability
1 of 20
Semtech
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
www.semtech.com
Features
•
SMPTE 424M, SMPTE 292M, and SMPTE 259M
compliant
•
Supports DVB-ASI at 270Mb/s
•
Supports data rates from 270Mb/s to 2.97Gb/s
•
Wide common-mode range input buffer
100mV sensitivity
Supports DC-coupling to industry-standard
differential logic
On-chip 100
Ω differential data input termination
•
Input signal trace equalization
•
Dual differential coaxial-cable-driving outputs
Selectable slew rates
Adjustable output swing from 500mVpp to
1800mVpp
Independent DISABLE controls for each output
•
Robust output signal presence function
•
Excellent output eye quality
•
Power supply operation at 3.3V or 2.5V
•
135mW power consumption (2.5V supply)
•
Operating temperature range: -40°C to +85°C
•
Small footprint QFN package (4mm x 4mm)
New dual-output pin out
Use the GS2988 for a single-output variant that is
drop-in compatible to the GS2978
•
Pb-free and RoHS compliant
Applications
•
SMPTE 424M, SMPTE 292M, and SMPTE 259M coaxial
cable serial digital interfaces
Description
The GS2989 is a high-speed BiCMOS integrated circuit
designed to drive one to four 75
Ω coaxial cables.
The GS2989 may drive data rates up to 2.97Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE 424M, SMPTE 292M, and SMPTE
259M.
The GS2989 accepts industry-standard differential input
levels including LVPECL and CML.
Input trace equalization compensates for up to 10 inches of
FR4 trace loss while in HD and 3G modes. This feature can
be disabled using the EQ_EN pin.
The DISABLE1 and DISABLE2 pins power-down the first and
second output drivers respectively, leaving the serial data
outputs in a high-impedance state. When applied
simultaneously, the entire device is powered-down.
The GS2989 features adjustable output swing using an
external bias resistor. The single-ended output swing is
adjustable from 500mVpp to 1800mVpp.
An output signal presence function, the OSP pin, indicates
whether an active signal is present at the output of the
GS2989.
The GS2989 can be powered from either a 3.3V or a 2.5V
supply. Power consumption is typically 135mW using a
2.5V power supply with one output enabled.
The GS2989 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


Similar Part No. - GS2989

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INE3 GENNUM-GS2989-INE3 Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INTE3 GENNUM-GS2989-INTE3 Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INTE3Z GENNUM-GS2989-INTE3Z Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
More results

Similar Description - GS2989

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com