Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 7Page - Semtech Corporation GS2989 Datasheet HTML 8Page - Semtech Corporation GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
11 of 20
Semtech
www.semtech.com
4.3.1 Slew Rate Selection (Rise/Fall Time Requirement)
The GS2989 supports two user-selectable output slew rates.
Control of the slew rate is determined by the setting of the SD/HD input pin.
4.4 Output Disable
The GS2989 supports an output disable function for each serial data differential output.
Control of this function is determined by the setting of the DISABLE1 and DISABLE2
control pins.
The serial output disables (DISABLE1 and DISABLE2), disable power to the current mode
serial data output drivers. When asserted LOW, the SDO/SDO output drivers are
powered-down.
When DISABLE1 and DISABLE2 are driven LOW simultaneously, the entire device is
powered down, and the power consumption is minimized.
4.5 Output Signal Presence Indicator (OSP)
The GS2989 supports an output signal presence indicator function.
The output signal presence pin (OSP) is an active-low output that indicates when a valid
output signal has been detected at the pre-driver output.
Table 4-2: Slew Rate Selection
SD/HD
Rise/Fall Time
0
SMPTE 424M & 292M compliant
1
SMPTE 259M compliant
Floating
SMPTE 259M compliant
Table 4-3: Output Disable
DISABLE1
DISABLE2
SDO1/SDO1
SDO2/SDO2
0
0 or Floating
All Chip Power Down
0
1
High-Impedance
Operational
1 or Floating
0 or Floating
Operational
High-Impedance
1 or Floating
1
Operational
Operational
Floating
Floating
Operational
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com