Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation GS2989 Datasheet HTML 17Page - Semtech Corporation GS2989 Datasheet HTML 18Page - Semtech Corporation GS2989 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
15 of 20
Semtech
www.semtech.com
•
High-speed traces are round-curved (rather than 45° or 90° angles) to minimize
impedance variations due to change of PCB trace width
Note: For more recommendations on Trace Lengths, ORL Inductor Values and other PCB
Layout Considerations, please refer to Semtech’s GS2989 Design Guide
(Doc ID 52070).
5.2 Typical Application Circuit
Figure 5-1: Typical Application Circuit
DDI
2
DDI
3
SDO1
12
SDO1
11
SDO2
10
SDO2
9
RSET
5
GS2989
VCC_Term
10n
GND
75R
4u7
4u7
4u7
4u7
75R
VCC_Term
VCC_Term
10n
75R
10n
GND
GND
4u7
4u7
75R
75R
75R
75R
75R
5n6*
5n6*
GND
VCC
GND
VCC
10n
10n
R*
* Typical value: varies with layout, and represents a trade-off
between good eye shape and output return loss.
5n6 is the optimum value for an 800mV output swing
and 3.3V operation.
4n7 is the optimum value for an 800mV output swing and
2.5V operation.
6n8 is the optimum value for an 1800mV output swing.
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise stated.
*Customer to choose resistor value.
5n6*
5n6*
**Please refer to section 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com