Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 17 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation GS2989 Datasheet HTML 17Page - Semtech Corporation GS2989 Datasheet HTML 18Page - Semtech Corporation GS2989 Datasheet HTML 19Page - Semtech Corporation GS2989 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
17 of 20
Semtech
www.semtech.com
6.2 Recommended PCB Footprint
Figure 6-2: Recommended PCB Footprint
The Center Pad should be connected to the most negative power supply plane (VEE) by
a minimum of 5 vias.
Note: Suggested dimensions only. Final dimensions should conform to customer
design rules and process optimizations.
6.3 Packaging Data
0.35
0.55
2.76
3.70
2.76
3.70
NOTE: All dimensions
are in millimeters.
0.65
CENTER PAD
Table 6-1: Packaging Data
Parameter
Value
Package type / dimensions / pad pitch
16-pin QFN / 4mm x 4mm /
0.65mm
Package Drawing Reference
JEDEC M0220
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance,
θj-c
31.0°C/W
Junction to Air Thermal Resistance,
θj-a (at zero airflow)
43.8°C/W
Psi,
Ψ
11.0°C/W
Pb-free and RoHS compliant, Halogen-free
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com