Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2989 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2989
Description  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2989 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2989 Datasheet HTML 9Page - Semtech Corporation GS2989 Datasheet HTML 10Page - Semtech Corporation GS2989 Datasheet HTML 11Page - Semtech Corporation GS2989 Datasheet HTML 12Page - Semtech Corporation GS2989 Datasheet HTML 13Page - Semtech Corporation GS2989 Datasheet HTML 14Page - Semtech Corporation GS2989 Datasheet HTML 15Page - Semtech Corporation GS2989 Datasheet HTML 16Page - Semtech Corporation GS2989 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GS2989
Final Data Sheet
Rev.6
GENDOC-052133
July 2015
13 of 20
Semtech
www.semtech.com
Figure 4-1: VOUT vs. RSET
In order to determine the best starting value for Rset, the following formula should be
used:
Rset = 8*(Rtrm/VoutppSE)
Where VoutppSE is in Volts, and both resistances are in
Ω.
Rtrm is the value of the termination resistors, which should be equal to the
characteristic impedance of the cable, and is typically 75
Ω.
The cable must be short (
≤1m), and terminated at both ends for the formula to be valid.
Example: For a 75
Ω cable, Rtrm = 75Ω (at both ends), VoutppSE = 800mV
Rset = 8*(75/0.8) = 750
Ω
This formula is not valid for long, unterminated, or improperly terminated cables.
This formula should be considered as a starting point, and actual swing values may vary
based on layout. Also, for large output swings (>1040mV), smaller Rset values may be
required in order to achieve the desired output swing level at HD and 3G data rates.
1.75
1.5
1.25
1.0
0.75
0.5
0.25
2.0
0.250
0.500
0.750
1.0
1.25
1.5
RSET (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com