Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 36 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 32Page - Semtech Corporation GS3470 Datasheet HTML 33Page - Semtech Corporation GS3470 Datasheet HTML 34Page - Semtech Corporation GS3470 Datasheet HTML 35Page - Semtech Corporation GS3470 Datasheet HTML 36Page - Semtech Corporation GS3470 Datasheet HTML 37Page - Semtech Corporation GS3470 Datasheet HTML 38Page - Semtech Corporation GS3470 Datasheet HTML 39Page - Semtech Corporation GS3470 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
36 of 169
Semtech
www.semtech.com
4.12 H:V:F Timing Signal Extraction
The GS3470 extracts critical timing parameters from the received TRS words.
Horizontal blanking (H), Vertical blanking (V), and Field odd/even (F) timing are output
on the STAT[2:0] pins by default.
The H signal timing can be selected through GSPI using the H_CONFIG parameter. By
default, the H signal timing is set to active line blanking. This can be changed to TRS
based blanking by setting the H_CONFIG parameter to 1.
The timing of these signals is shown in Figure 4-8 through Figure 4-13.
Note: Both 8-bit and 10-bit TRS words are identified by the device.
Figure 4-8: H:V:F Output Timing - 3G Level A and HD 20-bit Mode
Figure 4-9: H:V:F Output Timing - 3G Level A and HD 10-bit Mode
Figure 4-10: H:V:F Output Timing - 3G Level B 10-bit Mode
PCLK
LUMA DATA
CHROMA DATA
H
000
000
3FF
000
000
3FF
V
F
XYZ (SAV)
000
000
3FF
000
000
3FF
XYZ (SAV)
XYZ (EAV)
XYZ (EAV)
000
000
3FF
3FF
000
000
PCLK (HD)
H
V
F
MULTIPLEXED Y’CbCr DATA (HD)
MULTIPLEXED DS1/DS2 DATA (3G)
PCLK (3G DDR)
000
000
3FF
3FF
000
000
XYZ (EAV)
MULTIPLEXED Y’CbCr DATA (HD)
MULTIPLEXED DS1/DS2 DATA (3G)
H
V
F
PCLK (HD)
PCLK (3G DDR)
H S I GN A L T IM IN G :
H _ C O N F IG = LO W
H _C O N F IG = H I G H
HVF T IM IN GAT SAV
HVF T IM IN GAT EAV
XYZ (EAV)
XYZ (SAV)
XYZ (SAV)
3FF
PCLK (DDR)
H
V
F
MULTIPLEXED LINKA/LINKB DATA
3FF
3FF 3FF
000
000
000
000
000
000
000
000
XYZ
(sav )
XYZ
(sav )
XYZ
(sav )
XYZ
(sav )
MULTIPLEXED LINKA/LINKB DATA
PCLK (DDR)
H
V
F
3FF
000
000
000
000
000
000
000
000
XYZ
(eav)
XYZ
(eav )
XYZ
(eav )
XYZ
(eav )
3FF
3FF
3FF
H S I GN A L T IM IN G :
H_ C O NF IG = L O W
H _ C ONF IG = H I GH
HVF T IM IN GAT EAV
HVF T IM IN GAT SAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com