Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 57Page - Semtech Corporation GS3470 Datasheet HTML 58Page - Semtech Corporation GS3470 Datasheet HTML 59Page - Semtech Corporation GS3470 Datasheet HTML 60Page - Semtech Corporation GS3470 Datasheet HTML 61Page - Semtech Corporation GS3470 Datasheet HTML 62Page - Semtech Corporation GS3470 Datasheet HTML 63Page - Semtech Corporation GS3470 Datasheet HTML 64Page - Semtech Corporation GS3470 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
61 of 169
Semtech
www.semtech.com
4.17.1 Programmable Ancillary Data Detection
As described above in Section 4.17, the GS3470 detects and indicates all ancillary data
types by default.
Up to 5 different ancillary data types may be programmed for detection in the
ANC_TYPE_[5:1]_DS[2:1] register for SD, HD, and 3G Level A. When these are
programmed, the GS3470 only indicates the presence of the specified ancillary data
types, ignoring all other types. For each data type to be detected, the user must
program the DID and/or SDID of that ancillary data type. If no DID or SDID values are
programmed, the GS3470 indicates the presence of all ancillary data.
For any DID or SDID value set to zero, no comparison or match is made. For example, if
the DID is programmed and the SDID is not programmed, the GS3470 only detects a
match to the DID value.
If both DID and SDID values are non-zero, then the received ancillary data type must
match both the DID and SDID before Y/1ANC and/or C/2ANC is set HIGH.
Note 1: For 3G Level B data, the ANC_TYPE_[5:1]_DS1 registers are valid for Data
Stream 1, and a second set of ANC_TYPE_[5:1]_DS2 is provided for detection of specific
ancillary data in Data Stream 2.
Note 2: SMPTE ST 352 Payload Identifier packets and Error Detection and Handling
(EDH) Packets are always detected by the GS3470, regardless of the settings of the
ANC_TYPE_[5:1]_DS1 registers and cannot be overridden.
4.17.1.1 Programmable Ancillary Data Checksum Calculation
As described above, the GS3470 calculates and compares checksum values for all
ancillary data types by default. It is possible to program which ancillary data types are
checked as described in Section 4.17.1.
When so programmed, the GS3470 only checks ancillary data checksums for the
specified data types, ignoring all other ancillary data.
The YCS_ERR_[2:1] and/or CCS_ERR_[2:1] bits in the ERROR_STAT_[2:1] register are
only set HIGH if an error condition is detected for the programmed ancillary data types.
4.17.2 SMPTE ST 352 Payload Identifier
The SMPTE ST 352 Payload Identifier is used to confirm the video format identified by
the Automatic Video Standards Detection block.
Information contained in the packet is outlined in Table 4-13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com