Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 7Page - Semtech Corporation GS3470 Datasheet HTML 8Page - Semtech Corporation GS3470 Datasheet HTML 9Page - Semtech Corporation GS3470 Datasheet HTML 10Page - Semtech Corporation GS3470 Datasheet HTML 11Page - Semtech Corporation GS3470 Datasheet HTML 12Page - Semtech Corporation GS3470 Datasheet HTML 13Page - Semtech Corporation GS3470 Datasheet HTML 14Page - Semtech Corporation GS3470 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
11 of 169
Semtech
www.semtech.com
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 Recommended Operating Conditions
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage, Digital Core (CORE_VDD)
-0.3V to +1.5V
Supply Voltage, Digital I/O (IO_VDD)
-0.3V to +2.8V
Supply Voltage, Analog 1.2V (PLL_VDD, VCO_VDD,
DDI_VDD)
-0.3V to +1.5V
Supply Voltage, Analog 1.8V (DDO_VDD)
-0.3V to +2.0V
Input Voltage Range (Digital Inputs)
-0.3V to IO_VDD + 0.3V
Ambient Operating Temperature (TA)
-20°C to +85°C
Storage Temperature (TSTG)
-50°C to +125°C
Peak Reflow Temperature (JEDEC J-STD-020C)
260°C
ESD Sensitivity, HBM (JESD22-A114)
3kV
Note: Absolute Maximum Ratings are those values beyond which damage may occur. Functional
operation under these conditions or at any other condition beyond those indicated in the AC/DC
Electrical Characteristics sections is not implied.
Table 2-2: Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Temperature Range,
Ambient
TA
—
-20
—
+85
°C
Supply Voltage, Digital Core
CORE_VDD
—
1.14
1.2
1.26
V
Supply Voltage, Digital I/O
IO_VDD
1.8V mode
1.71
1.8
1.89
V
2.5V mode
2.38
2.5
2.63
V
Supply Voltage, PLL
PLL_VDD
—
1.14
1.2
1.26
V
Supply Voltage, VCO
VCO_VDD
—
1.14
1.2
1.26
V
Supply Voltage, Serial Digital Input
DDI0_VDD,
DDI1_VDD
—
1.14
1.2
1.26
V
Supply Voltage, CD Buffer
DDO_VDD
1.2V mode
1.14
1.2
1.26
V
1.8V mode
1.71
1.8
1.89
V
Serial Input Data Rate
—
270
—
2970
Mb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com