Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 35Page - Semtech Corporation GS3470 Datasheet HTML 36Page - Semtech Corporation GS3470 Datasheet HTML 37Page - Semtech Corporation GS3470 Datasheet HTML 38Page - Semtech Corporation GS3470 Datasheet HTML 39Page - Semtech Corporation GS3470 Datasheet HTML 40Page - Semtech Corporation GS3470 Datasheet HTML 41Page - Semtech Corporation GS3470 Datasheet HTML 42Page - Semtech Corporation GS3470 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
39 of 169
Semtech
www.semtech.com
Table 4-9: CEA861 Timing Formats
Format
Parameters
4
H:V:DE Input Timing 1280 x720p @ 59.94/60Hz
5
H:V:DE Input Timing 1920 x1080i @ 59.94/60Hz
6 & 7
H:V:DE Input Timing 720(1440)x480i @ 59.94/60Hz
16
H:V:DE Input Timing 1920 x1080p @ 59.94/60Hz
19
H:V:DE Input Timing 1280 x 720p @ 50Hz
20
H:V:DE Input Timing 1920 x1080i @ 50Hz
21 & 22
H:V:DE Input Timing 720 (1440) x576 @ 50Hz
31
H:V:DE Input Timing 1920 x1080p @ 50Hz
32
H:V:DE Input Timing 1920 x1080p @ 23.976/24Hz
33
H:V:DE Input Timing 1920 x1080p @ 25Hz
34
H:V:DE Input Timing 1920 x1080p @ 29.97/30Hz
61
H:V:DE Input Timing 1280 x720p @ 25Hz
62
H:V:DE Input Timing 1280 x720p @ 29.97/30Hz
Undefined
H:V:DE Input Timing 2048x1080p @ 30/60Hz
Undefined
H:V:DE Input Timing 2048x1080p @ 25/50Hz
Undefined
H:V:DE Input Timing 2048x1080p @ 24/48Hz
Undefined
H:V:DE Input Timing 2048x1080i @ 30/60Hz
Undefined
H:V:DE Input Timing 2048x1080i @ 25/50Hz
Undefined
H:V:DE Input Timing 2048x1080i @ 24/48Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com