Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 97 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 93Page - Semtech Corporation GS3470 Datasheet HTML 94Page - Semtech Corporation GS3470 Datasheet HTML 95Page - Semtech Corporation GS3470 Datasheet HTML 96Page - Semtech Corporation GS3470 Datasheet HTML 97Page - Semtech Corporation GS3470 Datasheet HTML 98Page - Semtech Corporation GS3470 Datasheet HTML 99Page - Semtech Corporation GS3470 Datasheet HTML 100Page - Semtech Corporation GS3470 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
97 of 169
Semtech
www.semtech.com
4.20.9 Setting a Device Unit Address
Multiple (up to 32) GS3470 devices can be connected to a common Chip Select (CS) in
Loop-Through or Bus-Through operation.
To ensure that each device selected by a common CS can be separately addressed, a
unique Unit Address must be programmed by the host processor at start-up as part of
system initialization or following a device reset.
Note: By default at power up or after a device reset, the DEVICE_UNIT_ADDRESS of
each device is set to 0h and the SDIN->SDOUT non-clocked loop-through for each device
is enabled.
These are the steps required to set the DEVICE_UNIT_ADDRESS of devices in a chain to
values other than 0:
1. Write to Unit Address 0 selecting HOST_CONFIG (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 1 and the DEVICE_UNIT_ADDRESS field set to 0.
This disables the direct SDIN->SDOUT non-clocked path for all devices on chip
select.
2. Write to Unit Address 0 selecting HOST_CONFIG (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 0 and the DEVICE_UNIT_ADDRESS field set to a
unique Unit Address. This configures DEVICE_UNIT_ADDRESS for the first device
in the chain. Each subsequent such write to Unit Address 0 will configure the next
device in the chain. If there are 32 devices in a chain, the last (32nd) device in the
chain must use DEVICE_UNIT_ADDRESS value 0.
3. Repeat step 2 using new, unique values for the DEVICE_UNIT_ADDRESS field in
HOST_CONFIG until all devices in the chain have been configured with their own
unique Unit Address value.
Note: tcmd_GSPI_conf delay must be observed after every write that modifies
HOST_CONFIG.
All connected devices receive this command (by default the Unit Address of all devices
is 0), and the Loop-Through operation will be re-established for all connected devices.
Once configured, each device will only respond to Command Words with a
UNIT ADDRESS field matching the DEVICE_UNIT_ADDRESS in HOST_CONFIG
Note: Although the Loop-Through and Bus-Through configurations are compatible
with previous generation GSPI enabled devices (backward compatibility), only devices
supporting Unit Addressing can share a chip select. All devices on any single chip select
must be connected in a contiguous chain with only the last device's SDOUT connected
to the application host processor. Multiple chains configured in Bus-Through mode can
have their final SDOUT outputs connected to a single application host processor input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com